Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UVTOP335 Datasheet(PDF) 6 Page - Roithner LaserTechnik GmbH

Part # UVTOP335
Description  Deep Ultraviolet Light Emission Source
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UVTOP335 Datasheet(HTML) 6 Page - Roithner LaserTechnik GmbH

  UVTOP335 Datasheet HTML 1Page - Roithner LaserTechnik GmbH UVTOP335 Datasheet HTML 2Page - Roithner LaserTechnik GmbH UVTOP335 Datasheet HTML 3Page - Roithner LaserTechnik GmbH UVTOP335 Datasheet HTML 4Page - Roithner LaserTechnik GmbH UVTOP335 Datasheet HTML 5Page - Roithner LaserTechnik GmbH UVTOP335 Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.roithner-laser.com
6
Precautions
Soldering:
• Do avoid overheating of the LED
• Do avoid electrostatic discharge (ESD)
• Do avoid mechanical stress, shock, and vibration
• Do only use non-corrosive flux.
• Do only solder the leads. Soldering of header or cap will damage the LED
• Do only cut the leads at room temperature with an ESD protected tool
• Do not solder closer than 3 mm from base of the header
• Do form leads prior to soldering
• Do not impose mechanical stress on the header when forming the leads
• Do not apply current to the LED until it has cooled down to room temperature after soldering
Recommended soldering conditions:
dip soldering
hand soldering
pre-heat time
max 30 s
soldering time
max 5 s
dipping time
max 5 s
solder bath temperature
max 190 °C
solder temperature
max 190 °C
Above table specifies the maximum allowed duration and temperature during soldering. It is
strongly advised to perform soldering at the shortest time and lowest temperature possible.
Cleaning:
Cleaning with isopropyl alcohol, propanol, or ethyl alcohol is recommended
DO NOT USE acetone, chloroseen, trichloroethylene, or MKS
DO NOT USE ultrasonic cleaners
Static Electricity:
UVTOP are sensitive to electrostatic discharge (ESD). Precautions against ESD must be
taken when handling or operating these LEDs. Surge voltage or electrostatic discharge can result
in complete failure of the device.
UV-Radiation:
During operation these LEDs do emit high intensity ultraviolet light, which is hazardous to skin
and eyes, and may cause cancer. Do avoid exposure to the emitted UV light. Protective glasses
are recommended. It is further advised to attach a warning label on products/systems that do
utilize UV-LEDs:
Operation:
Do only operate UVTOP LEDs with a current source.
Running these LEDs from a voltage source will result in complete failure of the device.
Current of a LED is an exponential function of the voltage across it. Usage of current regulated
drive circuits is mandatory
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice
Class 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com