Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD534TH Datasheet(PDF) 16 Page - Analog Devices

Part # AD534TH
Description  Internally Trimmed Precision IC Multiplier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD534TH Datasheet(HTML) 16 Page - Analog Devices

Back Button AD534TH Datasheet HTML 12Page - Analog Devices AD534TH Datasheet HTML 13Page - Analog Devices AD534TH Datasheet HTML 14Page - Analog Devices AD534TH Datasheet HTML 15Page - Analog Devices AD534TH Datasheet HTML 16Page - Analog Devices AD534TH Datasheet HTML 17Page - Analog Devices AD534TH Datasheet HTML 18Page - Analog Devices AD534TH Datasheet HTML 19Page - Analog Devices AD534TH Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
AD534
Rev. C | Page 15 of 20
APPLICATIONS INFORMATION
The versatility of the AD534 allows the creative designer to implement a variety of circuits such as wattmeters, frequency doublers, and
automatic gain controls.
AD534
+VS
X1
X2
SF
Y1
Y2
OUT
Z1
Z2
–VS
+15V
30kΩ
10kΩ
–15V
OUTPUT =
A2 – B2
10V
A + B
2
A – B
2
A
B
Figure 20. Difference of Squares
AD534
+VS
X1
X2
SF
Y1
Y2
OUT
Z1
Z2
–VS
+15V
2kΩ
39kΩ
1kΩ
SET GAIN
1kΩ
–15V
–VS
NOTES
1. GAIN IS × 10 PER VOLT OF EC, ZERO TO × 50.
2. WIDEBAND (10Hz TO 30kHz) OUTPUT NOISE IS 3mV rms,
TYP CORRESPONDING TO A.F.S. SNR OF 70dB.
3. NOISE REFERRED TO SIGNAL INPUT, WITH EC = ±5V, IS
60µV rms, TYP.
4. BANDWIDTH IS DC TO 20kHz, –3dB, INDEPENDENT OF GAIN.
CONTROL INPUT,
EC, 0V TO ±5V
SIGNAL INPUT,
ES, ±5V PK
0.005µF
OUTPUT, ±12V PK =
EC ES
0.1V
Figure 21. Voltage-Controlled Amplifier
USING CLOSE TOLERANCE RESISTORS AND AD543L,
ACCURACY OF FIT IS WITHIN ±0.5% AT ALL POINTS.
θ IS IN RADIANS.
AD534
+VS
X1
X2
SF
Y1
Y2
OUT
Z1
Z2
–VS
+15V
18kΩ
3kΩ
10kΩ
4.7kΩ
4.3kΩ
INPUT, Eθ
0V TO +10V
–15V
WHERE θ =
×
π
2
Eθ
10V
OUTPUT = (10V) sin θ
Figure 22. Sine Function Generator
THE SF PIN OR A Z ATTENUATOR CAN BE USED TO PROVIDE OVERALL
SIGNAL AMPLIFICATION. OPERATION FROM A SINGLE SUPPLY POSSIBLE;
BIAS Y2 TO VS/2.
AD534
+VS
X1
X2
SF
Y1
Y2
OUT
Z1
Z2
–VS
+15V
MODULATION
INPUT, ±EM
CARRIER INPUT
EC sin ωt
–15V
EM
10V
OUTPUT = 1 ±
EC sin ωt
Figure 23. Linear AM Modulator
OTHER SCALES, FROM 10% PER VOLT TO 0.1% PER VOLT
CAN BE OBTAINED BY ALTERING THE FEEDBACK RATIO.
AD534
+VS
X1
X2
SF
Y1
Y2
OUT
Z1
Z2
–VS
+15V
9kΩ
1kΩ
B INPUT,
(+VE ONLY)
–15V
A – B
B
OUTPUT = (100V)
(1% PER VOLT)
A INPUT (±)
Figure 24. Percentage Computer
AD534
+VS
X1
X2
SF
Y1
Y2
OUT
Z1
Z2
–VS
+15V
INPUT, Y ±10V FS
–15V
y
1 + y
Y
(10V)
OUTPUT, ±5V/PK =
(10V)
WHERE y =
Figure 25. Bridge Linearization Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com