Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD534TH/883B Datasheet(PDF) 12 Page - Analog Devices

Part # AD534TH/883B
Description  Internally Trimmed Precision IC Multiplier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD534TH/883B Datasheet(HTML) 12 Page - Analog Devices

Back Button AD534TH/883B Datasheet HTML 8Page - Analog Devices AD534TH/883B Datasheet HTML 9Page - Analog Devices AD534TH/883B Datasheet HTML 10Page - Analog Devices AD534TH/883B Datasheet HTML 11Page - Analog Devices AD534TH/883B Datasheet HTML 12Page - Analog Devices AD534TH/883B Datasheet HTML 13Page - Analog Devices AD534TH/883B Datasheet HTML 14Page - Analog Devices AD534TH/883B Datasheet HTML 15Page - Analog Devices AD534TH/883B Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AD534
Rev. C | Page 11 of 20
0
–10
FREQUENCY (Hz)
–20
0dB = 0.1V RMS, RL = 2kΩ
–30
CL = 0pF
10
10k
100k
1M
10M
CL ≤ 1000pF
CF ≤ 200pF
CL ≤ 1000pF
CF = 0pF
NORMAL
CONNECTION
WITH ×10
FEEDBACK
ATTENUATOR
Figure 13. Frequency Response as a Multiplier
60
40
20
0
–20
1k
10k
100k
FREQUENCY (Hz)
1M
10M
VX = 100mV dc
VZ = 10mV rms
VX = 1V dc
VZ = 100mV rms
VX = 10V dc
VZ = 1V rms
Figure 14. Frequency Response vs. Divider Denominator Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com