Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD844ACHIPS Datasheet(PDF) 13 Page - Analog Devices

Part # AD844ACHIPS
Description  60 MHz 2000 V Monolithic Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD844ACHIPS Datasheet(HTML) 13 Page - Analog Devices

Back Button AD844ACHIPS Datasheet HTML 9Page - Analog Devices AD844ACHIPS Datasheet HTML 10Page - Analog Devices AD844ACHIPS Datasheet HTML 11Page - Analog Devices AD844ACHIPS Datasheet HTML 12Page - Analog Devices AD844ACHIPS Datasheet HTML 13Page - Analog Devices AD844ACHIPS Datasheet HTML 14Page - Analog Devices AD844ACHIPS Datasheet HTML 15Page - Analog Devices AD844ACHIPS Datasheet HTML 16Page - Analog Devices AD844ACHIPS Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD844
Rev. F | Page 13 of 20
Table 3. Gain vs. Bandwidth
Gain
R1
R2
BW (MHz)
GBW (MHz)
−1
1 kΩ
1 kΩ
35
35
−1
500 Ω
500 Ω
60
60
−2
2 kΩ
1 kΩ
15
30
−2
1 kΩ
500 Ω
30
60
−5
5 kΩ
1 kΩ
5.2
26
−5
500 Ω
100 Ω
49
245
−10
1 kΩ
100 Ω
23
230
−10
500 Ω
50 Ω
33
330
−20
1 kΩ
50 Ω
21
420
−100
5 kΩ
50 Ω
3.2
320
RESPONSE AS AN I-V CONVERTER
The AD844 works well as the active element in an operational
current-to-voltage converter, used in conjunction with an exter-
nal scaling resistor, R1, in Figure 30. This analysis includes the
stray capacitance, CS, of the current source, which may be a
high speed DAC. Using a conventional op amp, this capacitance
forms a nuisance pole with R1 that destabilizes the closed-loop
response of the system. Most op amps are internally compensated
for the fastest response at unity gain, so the pole due to R1 and
CS reduces the already narrow phase margin of the system. For
example, if R1 is 2.5 kΩ, a CS of 15 pF places this pole at a fre-
quency of about 4 MHz, well within the response range of even a
medium speed operational amplifier. In a current feedback amp,
this nuisance pole is no longer determined by R1 but by the
input resistance, RIN. Because this is about 50 Ω for the AD844,
the same 15 pF forms a pole at 212 MHz and causes little
trouble. It can be shown that the response of this system is:
()()
Tn
Td
sig
OUT
s
s
R1
K
I
V
+
+
=
1
1
where:
K
is a factor very close to unity and represents the finite dc gain
of the amplifier.
Td
is the dominant pole.
Tn
is the nuisance pole.
1
R
R
R
K
t
t
+
=
Td = KR1Ct
Tn = RINCS (assuming RIN << R1)
Using typical values of R1 = 1 kΩ and Rt = 3 MΩ, K = 0.9997; in
other words, the gain error is only 0.03%. This is much less than
the scaling error of virtually all DACs and can be absorbed, if
necessary, by the trim needed in a precise system.
In the AD844, Rt is fairly stable with temperature and supply
voltages, and consequently the effect of finite gain is negligible
unless high value feedback resistors are used. Because that
results in slower response times than are possible, the relatively
low value of Rt in the AD844 is rarely a significant source of error.
VOUT
R1
AD844
RL
CL
ISIG
CS
Figure 30. Current-to-Voltage Converter
CIRCUIT DESCRIPTION OF THE AD844
A simplified schematic is shown in Figure 31. The AD844 differs
from a conventional op amp in that the signal inputs have
radically different impedance. The noninverting input (Pin 3)
presents the usual high impedance. The voltage on this input is
transferred to the inverting input (Pin 2) with a low offset voltage,
ensured by the close matching of like polarity transistors operating
under essentially identical bias conditions. Laser trimming nulls
the residual offset voltage, down to a few tens of microvolts. The
inverting input is the common emitter node of a complementary
pair of grounded base stages and behaves as a current summing
node. In an ideal current feedback op amp, the input resistance
is zero. In the AD844, it is about 50 Ω.
A current applied to the inverting input is transferred to a
complementary pair of unity-gain current mirrors that deliver
the same current to an internal node (Pin 5) at which the full
output voltage is generated. The unity-gain complementary
voltage follower then buffers this voltage and provides the load
driving power. This buffer is designed to drive low impedance
loads, such as terminated cables, and can deliver ±50 mA into a
50 Ω load while maintaining low distortion, even when operating
at supply voltages of only ±6 V. Current limiting (not shown)
ensures safe operation under short-circuited conditions.
+IN
OUTPUT
6
5
2
3
7
4
–IN
+VS
–VS
TZ
IB
IB
Figure 31. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com