Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1955ARSZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD1955ARSZ
Description  High Performance Multibit with SACD Playback
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1955ARSZ Datasheet(HTML) 2 Page - Analog Devices

  AD1955ARSZ Datasheet HTML 1Page - Analog Devices AD1955ARSZ Datasheet HTML 2Page - Analog Devices AD1955ARSZ Datasheet HTML 3Page - Analog Devices AD1955ARSZ Datasheet HTML 4Page - Analog Devices AD1955ARSZ Datasheet HTML 5Page - Analog Devices AD1955ARSZ Datasheet HTML 6Page - Analog Devices AD1955ARSZ Datasheet HTML 7Page - Analog Devices AD1955ARSZ Datasheet HTML 8Page - Analog Devices AD1955ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. 0
–2–
AD1955–SPECIFICATIONS
ANALOG PERFORMANCE
Parameter
Min
Typ
Max
Unit
Resolution
24
Bits
SIGNAL-TO-NOISE RATIO (20 Hz to 20 kHz)
*
Differential Output (A-Weighted, RMS) (Stereo)
120
114
dB
Differential Output (A-Weighted, RMS) (Mono)
123
dB
Single-Ended (A-Weighted, RMS) (Stereo)
119
dB
DYNAMIC RANGE (20 Hz to 20 kHz, –60 dB Input)
*
Differential Output (A-Weighted, RMS) (Stereo)
120
114
dB
Differential Output (A-Weighted, RMS) (Mono)
123
dB
Single-Ended (A-Weighted, RMS) (Stereo)
119
dB
Total Harmonic Distortion + Noise (Stereo) at 0 dBFS
–110
–102.5
dB
ANALOG OUTPUTS
Differential Output Range (Full Scale)
8.64
mA p-p
Output Capacitance at Each Output Pin
100
pF
Output Bias Current, Each Output
–3.24
mA
Out-of-Band Energy (0.5
fS to 100 kHz)
–90
dB
Reference Voltage
2.245
2.39
2.505
V
DC ACCURACY
Gain Error
±6%
Interchannel Gain Mismatch
0.01
0.26
dB
Gain Drift
25
ppm/
°C
Interchannel Crosstalk (EIAJ Method)
–125
dB
Interchannel Phase Deviation
±0.1
Degrees
Mute Attenuation
–100
dB
De-Emphasis Gain Error
±0.1
dB
*Measured with Audio Precision System Two Cascade in RMS Mode. Averaging Mode will show approximately 2 dB better performance.
Performance of right and left channels are identical (exclusive of the Interchannel Gain Mismatch and Interchannel Phase Deviation specifications).
Specifications subject to change without notice.
TEST CONDITIONS
(Unless otherwise noted.)
Analog Supply Voltages (AVDD) . . . . . . . . . . . . . . . . . . . . 5 V
Digital Supply Voltages (DVDD) . . . . . . . . . . . . . . . . . . . . 5 V
Reference Current (IREF) . . . . . . . . . . . . . . . . . . . . . 0.960 mA
Ambient Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
°C
Input Clock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.288 MHz
Input Signal . . . . . . . . . . . . . . . . . 984.375 Hz, 0 dB Full Scale
Input Sample Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48 kHz
Measurement Bandwidth . . . . . . . . . . . . . . . . 20 Hz to 20 kHz
Word Width . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 Bits
Load Capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 pF
Load Impedance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47 k
Ω
Input Voltage HI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.4 V
Input Voltage LO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8 V
(See figures. IREF = 0.960 mA, VBIAS = 2.80 V.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com