Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5310 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5310
Description  2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5310 Datasheet(HTML) 2 Page - Analog Devices

  AD5310 Datasheet HTML 1Page - Analog Devices AD5310 Datasheet HTML 2Page - Analog Devices AD5310 Datasheet HTML 3Page - Analog Devices AD5310 Datasheet HTML 4Page - Analog Devices AD5310 Datasheet HTML 5Page - Analog Devices AD5310 Datasheet HTML 6Page - Analog Devices AD5310 Datasheet HTML 7Page - Analog Devices AD5310 Datasheet HTML 8Page - Analog Devices AD5310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD5310
Data Sheet
Rev. B | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Characteristics ................................................................ 4
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configurations and Function Descriptions ........................... 6
Typical Performance Characteristics ............................................. 7
Terminology .................................................................................... 10
Theory of Operation ...................................................................... 11
D/A Section................................................................................. 11
Resistor String............................................................................. 11
Output Amplifier........................................................................ 11
Serial Interface ............................................................................ 11
Input Shift Register .................................................................... 11
SYNC Interrupt .......................................................................... 12
Power-On Reset.......................................................................... 12
Power-Down Modes .................................................................. 12
Microprocessor Interfacing....................................................... 12
Applications Information .............................................................. 14
Using REF19x as a Power Supply for AD5310 ....................... 14
Bipolar Operation Using the AD5310..................................... 14
Using AD5310 with an Opto-Isolated Interface .................... 14
Power Supply Bypassing and Grounding................................ 15
Outline Dimensions....................................................................... 16
Ordering Guide .......................................................................... 16
Automotive Products................................................................. 16
REVISION HISTORY
7/12—Rev. A to Rev. B
Updated Format..................................................................Universal
Changes to Features.......................................................................... 1
Change to Figure 9 Caption ............................................................ 7
Changes to AD5310 to ADSP-2101 Interface Section
and Figure 27............................................................................... 12
Updated Outline Dimensions....................................................... 16
Changes to Ordering Guide .......................................................... 16
Added Automotive Products Section........................................... 16
5/99—Rev. 0 to Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com