Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5339ARM Datasheet(PDF) 11 Page - Analog Devices

Part # AD5339ARM
Description  2.5 V to 5.5 V, 250 muA, 2-Wire Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5339ARM Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5339ARM Datasheet HTML 7Page - Analog Devices AD5339ARM Datasheet HTML 8Page - Analog Devices AD5339ARM Datasheet HTML 9Page - Analog Devices AD5339ARM Datasheet HTML 10Page - Analog Devices AD5339ARM Datasheet HTML 11Page - Analog Devices AD5339ARM Datasheet HTML 12Page - Analog Devices AD5339ARM Datasheet HTML 13Page - Analog Devices AD5339ARM Datasheet HTML 14Page - Analog Devices AD5339ARM Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD5337/AD5338/AD5339
Rev. C | Page 11 of 28
0
50
100
150
200
250
300
3.5
4.0
2.5
3.0
4.5
5.0
5.5
VDD (V)
+25°C
–40°C
+105°C
Figure 16. Supply Current vs. Supply Voltage
0
0.1
0.2
0.3
0.4
0.5
3.5
4.0
2.5
3.0
4.5
5.0
5.5
VDD (V)
+25°C
–40°C
+105°C
Figure 17. Power-Down Current vs. Supply Voltage
0
50
100
150
200
250
300
350
400
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VLOGIC (V)
TA = 25°C
VDD =5V
VDD =3V
INCREASING
DECREASING
Figure 18. Supply Current vs. Logic Input Voltage for SDA and SCL Voltage
Increasing and Decreasing
TA =25°C
VDD =5V
VREF =5V
VOUTA
SCL
CH1
CH1 1V, CH2 5V, TIME BASE = 1µs/DIV
CH2
Figure 19. Midscale Settling (¼ to ¾ Scale Code Change)
TA = 25°C
VDD =5V
VREF =2V
VOUTA
VDD
CH1
CH1 2V, CH2 200mV, TIME BASE = 200µs/DIV
CH2
Figure 20. Power-On Reset to 0 V
TA = 25°C
VDD =5V
VREF =2V
VOUTA
SCL
CH1
CH1 500mV, CH2 5V, TIME BASE = 1µs/DIV
CH2
Figure 21. Existing Power-Down to Midscale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com