Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7676ASTZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD7676ASTZ
Description  16-Bit, 1,-1 LSB INL,500 kSPS, Differential ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7676ASTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7676ASTZ Datasheet HTML 12Page - Analog Devices AD7676ASTZ Datasheet HTML 13Page - Analog Devices AD7676ASTZ Datasheet HTML 14Page - Analog Devices AD7676ASTZ Datasheet HTML 15Page - Analog Devices AD7676ASTZ Datasheet HTML 16Page - Analog Devices AD7676ASTZ Datasheet HTML 17Page - Analog Devices AD7676ASTZ Datasheet HTML 18Page - Analog Devices AD7676ASTZ Datasheet HTML 19Page - Analog Devices AD7676ASTZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
REV. B
AD7676
–19–
OUTLINE DIMENSIONS
48-Lead Plastic Quad Flatpack [LQFP]
1.4 mm Thick
(ST-48)
Dimensions shown in millimeters
TOP VIEW
(PINS DOWN)
1
12
13
25
24
36
37
48
0.27
0.22
0.17
0.50
BSC
7.00
BSC
SEATING
PLANE
1.60 MAX
0.75
0.60
0.45
VIEW A
7
3.5
0
0.20
0.09
1.45
1.40
1.35
0.15
0.05
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90 CCW
PIN 1
INDICATOR
9.00 BSC
COMPLIANT TO JEDEC STANDARDS MS-026BBC
SEATING
PLANE
48-Lead Frame Chip Scale Package [LFCSP]
(CP-48)
Dimensions shown in millimeters
PIN 1
INDICATOR
TOP
VIEW
6.75
BSC SQ
7.00
BSC SQ
1
48
12
13
37
36
24
25
BOTTOM
VIEW
5.25
4.70
2.25
0.50
0.40
0.30
0.30
0.23
0.18
0.50 BSC
12 MAX
0.25
REF
0.70 MAX
0.65 NOM
1.00
0.90
0.80
5.50
REF
SEATING
PLANE
0.05 MAX
0.02 NOM
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
COMPLIANT TO JEDEC STANDARDS MO-220-VKKD-2
COPLANARITY
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com