Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7679ASTZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD7679ASTZ
Description  18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7679ASTZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7679ASTZ Datasheet HTML 11Page - Analog Devices AD7679ASTZ Datasheet HTML 12Page - Analog Devices AD7679ASTZ Datasheet HTML 13Page - Analog Devices AD7679ASTZ Datasheet HTML 14Page - Analog Devices AD7679ASTZ Datasheet HTML 15Page - Analog Devices AD7679ASTZ Datasheet HTML 16Page - Analog Devices AD7679ASTZ Datasheet HTML 17Page - Analog Devices AD7679ASTZ Datasheet HTML 18Page - Analog Devices AD7679ASTZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD7679
Rev. A | Page 15 of 28
CIRCUIT INFORMATION
IN+
REF
REFGND
IN–
MSB
4C
2C
C
C
LSB
SW+
SWITCHES
CONTROL
262,144C 131,072C
MSB
4C
2C
C
C
LSB
SW–
BUSY
OUTPUT
CODE
CNVST
CONTROL
LOGIC
COMP
262,144C 131,072C
03085–0–025
Figure 23. ADC Simplified Schematic
The AD7679 is a very fast, low power, single-supply, precise
18-bit analog-to-digital converter (ADC) using successive
approximation architecture.
The AD7679’s linearity and dynamic range are similar or better
than many Σ-Δ ADCs. With the advantages of its successive
architecture, which ease multiplexing and reduce power with
throughput, it can be advantageous in applications that
normally use Σ-Δ ADCs.
The AD7679 provides the user with an on-chip track/hold,
successive approximation ADC that does not exhibit any
pipeline or latency, making it ideal for multiple multiplexed
channel applications.
The AD7679 can be operated from a single 5 V supply and can
be interfaced to either 5 V or 3 V digital logic. It is housed in a
48-lead LQFP, or a tiny 48-lead LFCSP that offers space savings
and allows for flexible configurations as either a serial or
parallel interface. The AD7679 is pin-to-pin compatible with
the AD7674, AD7676, and AD7678.
CONVERTER OPERATION
The AD7679 is a successive approximation ADC based on a
charge redistribution DAC. Figure 23 shows the simplified
schematic of the ADC. The capacitive DAC consists of two
identical arrays of 18 binary weighted capacitors that are
connected to the two comparator inputs.
During the acquisition phase, terminals of the array tied to the
comparator’s input are connected to AGND via SW+ and SW–.
All independent switches are connected to the analog inputs.
Thus, the capacitor arrays are used as sampling capacitors and
acquire the analog signal on IN+ and IN– inputs. When the
acquisition phase is complete and the CNVST input goes low, a
conversion phase is initiated. When the conversion phase
begins, SW+ and SW– are opened first. The two capacitor
arrays are then disconnected from the inputs and connected to
the REFGND input. Therefore, the differential voltage between
the IN+ and IN– inputs captured at the end of the acquisition
phase is applied to the comparator inputs, causing the
comparator to become unbalanced. By switching each element
of the capacitor array between REFGND and REF, the
comparator input varies by binary weighted voltage steps
(VREF/2, VREF/4...VREF/262144). The control logic toggles these
switches, starting with the MSB first, to bring the comparator
back into a balanced condition. After completing this process,
the control logic generates the ADC output code and brings the
BUSY output low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com