Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7809BST Datasheet(PDF) 5 Page - Analog Devices

Part # AD7809BST
Description  3.3 V to 5 V Quad/Octal 10-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7809BST Datasheet(HTML) 5 Page - Analog Devices

  AD7809BST Datasheet HTML 1Page - Analog Devices AD7809BST Datasheet HTML 2Page - Analog Devices AD7809BST Datasheet HTML 3Page - Analog Devices AD7809BST Datasheet HTML 4Page - Analog Devices AD7809BST Datasheet HTML 5Page - Analog Devices AD7809BST Datasheet HTML 6Page - Analog Devices AD7809BST Datasheet HTML 7Page - Analog Devices AD7809BST Datasheet HTML 8Page - Analog Devices AD7809BST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7804/AD7805/AD7808/AD7809
–5–
REV. A
AD7805/AD7809 TIMING CHARACTERISTICS1 (V
DD = 3.3 V
10% to 5 V
10%; AGND = DGND = 0 V; Reference
= Internal Reference. All specifications TMIN to TMAX unless otherwise noted.)
Limit at TMIN, TMAX
Parameter
All Versions
Unit
Description
t1
25
ns min
Mode Valid to Write Setup Time
t2
4.5
ns min
Mode Valid to Write Hold Time
t3
25
ns min
Address Valid to Write Setup Time
t4
4.5
ns min
Address Valid to Write Hold Time
t5
25
ns min
Data Setup Time
t6
4.5
ns min
Data Hold Time
t6A
6
ns min
LDAC Valid to Write Hold Time
t7
40
ns min
Chip Select to Write Setup Time
t8
0
ns min
Chip Select to Write Hold Time
t9
40
ns min
Write Pulsewidth
t10
100
ns min
Time Between Successive Writes
t11
40
ns min
LDAC, CLR Pulsewidth
t12
100
ns min
Write to
LDAC Setup Time
NOTE
1Sample tested during initial release and after any redesign or process change that may affect this parameter. All input signals are specified with tr = tf = 5 ns and
timed from a voltage of (VIL + VIH)/2.
Specifications subject to change without notice.
MODE
CS
WR
DATA
LDAC 2
CLR
LDAC 1
t
1
t
2
t
3
t
4
t
7
t
8
t
9
t
5
t
6
t
10
t
11
t
12
t
11
1TIMING REQUIREMENTS FOR SYNCHRONOUS LDAC UPDATE OR LDAC MAY BE TIED PERMANENTLY LOW IF REQUIRED.
2TIMING REQUIREMENTS FOR ASYNCHRONOUS LDAC UPDATE.
t
6A
A0, A1, A2
Figure 2. Timing Diagram for AD7805/AD7809 Parallel Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com