Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPKA455KD4A-R1 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # SFPKA455KD4A-R1
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFPKA455KD4A-R1 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button SFPKA455KD4A-R1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SFPKA455KD4A-R1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SFPKA455KD4A-R1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SFPKA455KD4A-R1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SFPKA455KD4A-R1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SFPKA455KD4A-R1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SFPKA455KD4A-R1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SFPKA455KD4A-R1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. SFPKA455KD4A-R1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
!Note
P05E.pdf
Nov.24,2011
• Please read rating and
!CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
4
Type
Series
Applications
6dB Bandwidth (kHz) min.
General Use
Attenuation
(dB) min.
oSMD Type (kHz)
High Selectivity
Series
(Plastic Case Type)
Narrow Bandwidth
GDT Flat Type
Miniature Series
(Plastic Case Type)
GDT Flat Type
Miniature Series
(Plastic Case Type)
GDT Flat Type
High Selectivity
SMD Series
(Plastic Case Type)
High Selectivity
SMD Series
(Plastic Case Type)
SFPKA455K
M
(4 Elements)
CFUKG455K
M
(4 Elements)
CFUKG455K
MX
(4 Elements)
CFUKF455K
M
(4 Elements)
CFWKA450KBFY
(6 Elements)
CFWKA450K
M
(6 Elements)
oLead Type (kHz)
27 (G to H; 25)
27 (G; 25)
27 (G to H; 25)
25 (D to E; 23)
45
50
A
±17.5
o
B
±15
o
o
C
±12.5
o
D
±10
o
o
o
o
E
±7.5
o
o
o
o
o
F
±6
o
o
o
o
G
±4.5
o
o
o
o
H
±3
o
o
J
±2
K
±1.5
L
±1
Type
Series
Applications
6dB Bandwidth (kHz) min.
General Use
Attenuation
(dB) min.
Within 455
±80 or ±100kHz
Within 455
±80 or ±100kHz
High Selectivity
Low Profile Series
High Selectivity
Miniature Series
GDT Flat Type
Series
GDT Flat Type
Miniature Series
CFULA455K
M (4 Elements)
CFWLA455K
M (6 Elements)
CFULB455K
M (4 Elements)
CFWLB455K
M (6 Elements)
CFULA455K
MY (4 Elements)
CFWLA455K
MY (6 Elements)
CFULB455K
MY (4 Elements)
CFWLB455K
MY (6 Elements)
27
35 (H, J; 60)
27
35 (H, J; 55)
25 (D to G; 23)
40
25 (D to G; 23)
40 (F; 35)
A
±17.5
o
o
B
±15
o
o
o
o
o
o
o
o
C
±12.5
o
o
o
o
o
o
o
o
D
±10
o
o
o
o
o
o
o
o
E
±7.5
o
o
o
o
o
o
o
o
F
±6
o
o
o
o
o
o
o
o
G
±4.5
o
o
o
o
o
o
o
o
H
±3
o
o
o
o
J
±2
o
o
o
K
±1.5
L
±1
(G; 25)
(H; 35)
(G; 25)
(H, J; 35)
Products Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com