Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8039ART-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8039ART-R2
Description  Low Power, 350 MHz Voltage Feedback Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8039ART-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8039ART-R2 Datasheet HTML 3Page - Analog Devices AD8039ART-R2 Datasheet HTML 4Page - Analog Devices AD8039ART-R2 Datasheet HTML 5Page - Analog Devices AD8039ART-R2 Datasheet HTML 6Page - Analog Devices AD8039ART-R2 Datasheet HTML 7Page - Analog Devices AD8039ART-R2 Datasheet HTML 8Page - Analog Devices AD8039ART-R2 Datasheet HTML 9Page - Analog Devices AD8039ART-R2 Datasheet HTML 10Page - Analog Devices AD8039ART-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AD8038/AD8039
Rev. G | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
Default Conditions: ±5 V, CL = 5 pF, G = +2, RG = RF = 1 kΩ, RL = 2 kΩ, VO = 2 V p-p, Frequency = 1 MHz, TA = 25°C.
FREQUENCY (MHz)
–6
1000
0.1
1
100
–3
0
3
6
9
12
15
18
21
24
G = +5
G = +2
G = +1
G = +10
10
Figure 6. Small Signal Frequency Response for Various Gains,
VOUT = 500 mV p-p
FREQUENCY (MHz)
0
1
6
7
5
4
3
2
VS = ±1.5V
VS = ±2.5V
VS = ±5V
1000
0.1
1
100
10
Figure 7. Small Signal Frequency Response for Various Supplies,
VOUT = 500 mV p-p
FREQUENCY (MHz)
0
1
6
7
5
4
3
2
1000
0.1
1
100
10
RL = 2kΩ
RL = 500Ω
RL = 1kΩ
Figure 8. Small Signal Frequency Response for Various RL,
VS = ±5 V, VOUT = 500 mV p-p
FREQUENCY (MHz)
0
1
6
7
RL = 2kΩ
5
4
3
2
RL = 500Ω
RL = 1kΩ
1000
0.1
1
100
10
Figure 9. Small Signal Frequency Response for Various RL,
VS = 5 V, VOUT = 500 mV p-p
FREQUENCY (MHz)
0
1
2
3
4
5
6
7
8
RL = 500Ω
RL = 2kΩ
RL = 1kΩ
0.1
1
100
10
Figure 10. Large Signal Frequency Response for Various RL,
VOUT = 3 V p-p, VS = 5 V
FREQUENCY (MHz)
0
1
2
3
4
5
6
7
8
0.1
1
100
10
RL = 2kΩ
RL = 500Ω
RL = 1kΩ
Figure 11. Large Signal Frequency Response for Various RL,
VOUT = 4 V p-p, VS = ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com