Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8065ART-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8065ART-R2
Description  High Performance, 145 MHz FastFET Op Amps
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065ART-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8065ART-R2 Datasheet HTML 15Page - Analog Devices AD8065ART-R2 Datasheet HTML 16Page - Analog Devices AD8065ART-R2 Datasheet HTML 17Page - Analog Devices AD8065ART-R2 Datasheet HTML 18Page - Analog Devices AD8065ART-R2 Datasheet HTML 19Page - Analog Devices AD8065ART-R2 Datasheet HTML 20Page - Analog Devices AD8065ART-R2 Datasheet HTML 21Page - Analog Devices AD8065ART-R2 Datasheet HTML 22Page - Analog Devices AD8065ART-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AD8065/AD8066
Rev. J | Page 18 of 28
VIN
49.9
Ω
AD8065
+VCC
–VEE
4.7
μF
0.1
μF
0.1
μF
4.7
μF
499
Ω
499
Ω
FET PROBE
1k
Ω
499
Ω
499
Ω
Figure 46. CMRR
AD8065
+VCC
–VEE
0.1
μF
4.7
μF
499
Ω
499
Ω
249
Ω
NETWORK ANALYZER
S22
4.7
μF
0.1
μF
Figure 47. Output Impedance G = +2
AD8065
–VEE
24.9
Ω
0.1
μF
4.7
μF
+VCC
FET PROBE
1k
Ω
VIN
1V p-p
49.9
Ω
Figure 48. Positive PSRR
AD8065
+VCC
VIN
–VEE
4.7
μF
0.1
μF
2.2pF
976
Ω
0.1
μF
4.7
μF
499
Ω
499
Ω
249
Ω
TO SCOPE
49.9
Ω
49.9
Ω
Figure 49. Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com