Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8065ART-EBZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD8065ART-EBZ
Description  High Performance, 145 MHz FastFET Op Amps
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065ART-EBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8065ART-EBZ Datasheet HTML 8Page - Analog Devices AD8065ART-EBZ Datasheet HTML 9Page - Analog Devices AD8065ART-EBZ Datasheet HTML 10Page - Analog Devices AD8065ART-EBZ Datasheet HTML 11Page - Analog Devices AD8065ART-EBZ Datasheet HTML 12Page - Analog Devices AD8065ART-EBZ Datasheet HTML 13Page - Analog Devices AD8065ART-EBZ Datasheet HTML 14Page - Analog Devices AD8065ART-EBZ Datasheet HTML 15Page - Analog Devices AD8065ART-EBZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
AD8065/AD8066
Rev. J | Page 11 of 28
–9
–6
–3
0
3
6
9
FREQUENCY (MHz)
1
0.1
10
100
1000
G = +1
CL = 25pF
CL = 25pF
RSNUB = 20Ω
CL = 20pF
CL = 5pF
VO = 200mV p-p
Figure 10. Small Signal Frequency Response for Various CLOAD (See Figure 42)
–8
–6
–4
–2
0
2
4
6
8
FREQUENCY (MHz)
1
0.1
10
100
1000
G = +2
VOUT = 0.2V p-p
VOUT = 2V p-p
VOUT = 4V p-p
Figure 11. Frequency Response for Various Output Amplitudes
(See Figure 43)
–4
–2
0
2
4
6
8
10
12
14
FREQUENCY (MHz)
1
0.1
10
100
1000
G = +2
RF = RG = 1kΩ,
RS = 500Ω
RF = RG = 500Ω,
RS = 250Ω
RF = RG = 500Ω,
RS = 250Ω,
CF = 2.2pF
RF = RG = 1kΩ,
RS = 500Ω,
CF = 3.3pF
VO = 200mV p-p
Figure 12. Small Signal Frequency Response for Various RF/CF (See Figure 43)
–8
–6
–4
–2
0
2
4
6
8
FREQUENCY (MHz)
1
0.1
10
100
1000
CL = 25pF
CL = 55pF
CL = 5pF
VO = 200mV p-p
G = +2
Figure 13. Small Signal Frequency Response for Various CLOAD (See Figure 43)
0
1
2
3
4
5
6
7
8
FREQUENCY (MHz)
1
0.1
10
100
1000
RL = 100Ω
RL = 1kΩ
VO = 200mV p-p
G = +2
Figure 14. Small Signal Frequency Response for Various RLOAD (See Figure 43)
–180
–120
–60
0
60
120
–20
0
20
40
60
80
0.01
0.1
1
10
100
1000
FREQUENCY (MHz)
PHASE
GAIN
Figure 15. Open-Loop Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com