Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8066ARZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # AD8066ARZ-R7
Description  High Performance, 145 MHz FastFET Op Amps
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8066ARZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8066ARZ-R7 Datasheet HTML 21Page - Analog Devices AD8066ARZ-R7 Datasheet HTML 22Page - Analog Devices AD8066ARZ-R7 Datasheet HTML 23Page - Analog Devices AD8066ARZ-R7 Datasheet HTML 24Page - Analog Devices AD8066ARZ-R7 Datasheet HTML 25Page - Analog Devices AD8066ARZ-R7 Datasheet HTML 26Page - Analog Devices AD8066ARZ-R7 Datasheet HTML 27Page - Analog Devices AD8066ARZ-R7 Datasheet HTML 28Page - Analog Devices AD8066ARZ-R7 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
AD8065/AD8066
Rev. J | Page 28 of 28
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Branding
AD8065AR
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8065AR-REEL
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8065AR-REEL7
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8065ARZ
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8065ARZ-REEL
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8065ARZ-REEL7
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8065ART-R2
−40°C to +85°C
5-Lead SOT-23
RJ-5
HRA
AD8065ART-REEL
−40°C to +85°C
5-Lead SOT-23
RJ-5
HRA
AD8065ART-REEL7
−40°C to +85°C
5-Lead SOT-23
RJ-5
HRA
AD8065ARTZ-R2
−40°C to +85°C
5-Lead SOT-23
RJ-5
HRA #
AD8065ARTZ-REEL
−40°C to +85°C
5-Lead SOT-23
RJ-5
HRA #
AD8065ARTZ-REEL7
−40°C to +85°C
5-Lead SOT-23
RJ-5
HRA #
AD8065WARTZ-REEL7
−40°C to +105°C
5-Lead SOT-23
RJ-5
H2F#
AD8065ART-EBZ
Evaluation Board (8-Lead SOIC_N)
AD8065AR-EBZ
Evaluation Board (5-Lead SOT-23)
AD8066AR
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8066AR-REEL7
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8066ARZ
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8066ARZ-RL
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8066ARZ-R7
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8066ARM
−40°C to +85°C
8-Lead MSOP
RM-8
H1B
AD8066ARM-REEL
−40°C to +85°C
8-Lead MSOP
RM-8
H1B
AD8066ARM-REEL7
−40°C to +85°C
8-Lead MSOP
RM-8
H1B
AD8066ARMZ
−40°C to +85°C
8-Lead MSOP
RM-8
H7C
AD8066ARMZ-REEL7
−40°C to +85°C
8-Lead MSOP
RM-8
H7C
AD8066AR-EBZ
Evaluation Board (8-Lead SOIC_N)
AD8066ARM-EBZ
Evaluation Board (5-Lead SOT-23)
1 Z = RoHS Compliant Part, # denotes RoHS compliant product may be top or bottom marked.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD8065W model is available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.
©2002–2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D02916-0-8/10(J)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com