Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8390AACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8390AACPZ-R2
Description  Low Power, High Output Current Differential Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8390AACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8390AACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8390A
Data Sheet
Rev. B | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±12 V, RL = 100 Ω, G = 10, PD(1:0) = (1,1), IADJ = NC, VCOM = NC (bypassed with 0.1 μF capacitor), TA = 25°C, unless otherwise
noted. Refer to the basic test circuit in Figure 14.
PD(1:0) = (1,0)
IADJ = NC
PD(1:0) = (1,1)
IADJ = NC
PD(1:0) = (0,1)
IADJ = NC
PD(1:0) = (1,1)
IADJ = VEE
PD(1:0) = (1,0)
IADJ = VEE
PD(1:0) = (0,1)
IADJ = VEE
1
0.1
10
100
FREQUENCY (MHz)
–5
0
5
10
15
20
25
Figure 4. Differential Small Signal Frequency Response;
VS = ±12 V, Gain = 10, VOUT = 200 mV p-p
PD(1:0) = (1,0)
IADJ = NC
PD(1:0) = (1,1)
IADJ = NC
PD(1:0) = (0,1)
IADJ = NC
PD(1:0) = (0,1)
IADJ = VEE
PD(1:0) = (1,1)
IADJ = VEE
PD(1:0) = (1,0)
IADJ = VEE
–5
0
5
10
15
20
25
1
0.1
10
100
FREQUENCY (MHz)
Figure 5. Differential Large Signal Frequency Response;
VS = ±12 V, Gain = 10, VOUT = 4 V p-p
OUTPUT POWER (dBm)
0
200
400
600
800
1000
12
14
16
18
20
22
PD(1:0) = (0,1)
PD(1:0) = (1,1)
PD(1:0) = (1,0)
Figure 6. Internal Power Dissipation vs. Output Power;
Transformer Turns Ratio = 1:1.4
34
36
38
40
42
44
20
30
40
50
60
70
80
90
100
110
LOAD (Ω)
Figure 7. Differential DC Output Swing vs. RL;
VS = ±12 V, PD(1:0) = (1,1), RIADJ = NC
0.01
0.1
1
10
100
1000
RADJ (kΩ)
0
2
4
6
8
10
PD(1:0) = (1,0)
PD(1:0) = (0,1)
PD(1:0) = (1,1)
Figure 8. Quiescent Current vs. IADJ Resistor; VS = ±12 V
01
234567
89
10
TIME (µs)
–6
–4
–2
0
4
2
6
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
OUTPUT
PD PULSE
Figure 9. Power-Down to Power-Up Time;
PD(1:0) = (1,1) to PD(1:0) = (0,0) to PD(1:0) = (1,1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com