Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8221BRZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8221BRZ-R7
Description  Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221BRZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8221BRZ-R7 Datasheet HTML 6Page - Analog Devices AD8221BRZ-R7 Datasheet HTML 7Page - Analog Devices AD8221BRZ-R7 Datasheet HTML 8Page - Analog Devices AD8221BRZ-R7 Datasheet HTML 9Page - Analog Devices AD8221BRZ-R7 Datasheet HTML 10Page - Analog Devices AD8221BRZ-R7 Datasheet HTML 11Page - Analog Devices AD8221BRZ-R7 Datasheet HTML 12Page - Analog Devices AD8221BRZ-R7 Datasheet HTML 13Page - Analog Devices AD8221BRZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8221
Rev. C | Page 10 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
T = 25°C, VS = ±15 V, RL = 10 kΩ, unless otherwise noted.
0
200
400
600
800
1000
1200
1400
1600
0
–50
–100
–150
50
100
150
CMR (µV/V)
Figure 4. Typical Distribution for CMR (G = 1)
0
300
600
900
1200
1500
1800
2100
2400
0
–20
–40
–60
20
40
60
INPUT OFFSET VOLTAGE (µV)
Figure 5. Typical Distribution of Input Offset Voltage
0
500
1000
1500
2000
2500
3000
0
–0.5
–1.0
–1.5
0.5
1.0
1.5
INPUT BIAS CURRENT (nA)
Figure 6. Typical Distribution of Input Bias Current
0
500
1000
1500
2000
2500
3000
3500
0
–0.3
–0.6
–0.9
0.3
0.6
0.9
INPUT OFFSET CURRENT (nA)
Figure 7. Typical Distribution of Input Offset Current
–15
–10
–5
0
5
10
15
–5
0
–15
–10
5
10
15
OUTPUT VOLTAGE (V)
VS = ±5V
VS = ±15V
Figure 8. Input Common-Mode Range vs. Output Voltage, G = 1
–15
–10
–5
0
5
10
15
–5
0
–15
–10
5
10
15
OUTPUT VOLTAGE (V)
VS = ±5V
VS = ±15V
Figure 9. Input Common-Mode Range vs. Output Voltage, G = 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com