Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8624ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8624ACPZ-R2
Description  Low Power, Precision Rail-to-Rail Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8624ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8624ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8624ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8624ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8624ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8624ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8624ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8624ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8624ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8624ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD8622/AD8624
Rev. C | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
±18 V
Input Voltage
±V
SY
Input Current1
±10 mA
Differential Input Voltage2
±10 V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
1 The input pins have clamp diodes to the power supply pins. The input
current should be limited to 10 mA or less whenever input signals exceed
the power supply rail by 0.5 V.
2 Differential input voltage is limited to 10 V or the supply voltage, whichever is less.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages. This
was measured using a standard 4-layer board.
Table 3. Thermal Resistance
Package Type
θ
JA
θ
JC
Unit
8-Lead SOIC_N (R-8)
120
45
°C/W
8-Lead MSOP (RM-8)
142
45
°C/W
14-Lead TSSOP (RU-14)
112
35
°C/W
16-Lead LFCSP (CP-16-17)
55
14
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com