Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8624ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8624ACPZ-R7
Description  Low Power, Precision Rail-to-Rail Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8624ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8624ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8624ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8624ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8624ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8624ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8624ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8624ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8624ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8624ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD8622/AD8624
Rev. C | Page 15 of 20
APPLICATIONS INFORMATION
INPUT PROTECTION
The maximum differential input voltage that can be applied to
the AD8622/AD8624 is determined by the internal diodes
connected across its inputs and series resistors at each input. These
internal diodes and series resistors limit the maximum
differential input voltage to ±10 V and are needed to prevent base-
emitter junction breakdown from occurring in the input stage of
the AD8622/AD8624 when very large differential voltages are
applied. In addition, the internal resistors limit the currents that
flow through the diodes. However, in applications where large
differential voltages can be inadvertently applied to the device,
large currents may still flow through these diodes. In such a
case, external resistors must be placed at both inputs of the op
amp to limit the input currents to ±10 mA (see Figure 54).
AD862x
500Ω
500Ω
R1
R2
2
3
1
Figure 54. Input Protection
PHASE REVERSAL
An undesired phenomenon, phase reversal (also known as
phase inversion) occurs in many op amps when one or both of
the inputs are driven beyond the specified input voltage range
(IVR), in effect reversing the polarity of the output. In some
cases, phase reversal can induce lockups and even cause
equipment damage as well as self destruction.
The AD8622/AD8624 amplifiers have been carefully designed to
prevent output phase reversal when both inputs are maintained
within the specified input voltage range. In addition, even if one
or both inputs exceed the input voltage range but remain within
the supply rails, the output still does not phase reverse. Figure 55
shows the input/output waveforms of the AD8622/AD8624
configured as a unity-gain buffer with a supply voltage of ±15 V.
TIME (200µs/DIV)
VSY = ±15V
VOUT
VIN
Figure 55. No Phase Reversal
MICROPOWER INSTRUMENTATION AMPLIFIER
The AD8622 is a dual, high precision, rail-to-rail output op amp
operating at just 215 μA quiescent current per amplifier. Its
ultralow offset, offset drift, and voltage noise, combined with its
very low bias current and high common-mode rejection ratio
(CMRR), are ideally suited for high accuracy and micropower
instrumentation amplifier.
Figure 56 shows the classic 2-op-amp instrumentation amplifier
with four resistors using the AD8622. The key to high CMRR
for this instrumentation amplifier are resistors that are well
matched from both the resistive ratio and the relative drift. For
true difference amplification, matching of the resistor ratio is
very important, where R3/R4 = R1/R2. Assuming perfectly
matched resistors, the gain of the circuit is 1 + R2/R1, which is
approximately 100. Tighter matching of two op amps in one
package, like the AD8622, offers a significant boost in
performance over the classical 3-op-amp configuration. Overall,
the circuit only requires about 430 µA of supply current.
+15V
–15V
V2
V1
R1
10.1kΩ
R2
1MΩ
R3
10.1kΩ
R4
1MΩ
VO
NOTES
1. VO = 100(V2 – V1)
2. TYPICAL: 0.01mV < |V2 – V1| < 149.7mV
3. TYPICAL: –14.97V < VO < +14.97V
4. USE MATCHED RESISTORS.
1/2
AD8622
+
–
+15V
–15V
1/2
AD8622
+
–
Figure 56. Micropower Instrumentation Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com