Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4528-1ARMZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4528-1ARMZ-R7
Description  Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4528-1ARMZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4528-1ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADA4528-1ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADA4528-1ARMZ-R7 Datasheet HTML 21Page - Analog Devices ADA4528-1ARMZ-R7 Datasheet HTML 22Page - Analog Devices ADA4528-1ARMZ-R7 Datasheet HTML 23Page - Analog Devices ADA4528-1ARMZ-R7 Datasheet HTML 24Page - Analog Devices ADA4528-1ARMZ-R7 Datasheet HTML 25Page - Analog Devices ADA4528-1ARMZ-R7 Datasheet HTML 26Page - Analog Devices ADA4528-1ARMZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
ADA4528-1/ADA4528-2
Data Sheet
Rev. D | Page 22 of 26
Residual Voltage Ripple
Although autocorrection feedback (ACFB) suppresses the chop-
ping related voltage ripple, higher noise spectrum exists at the
chopping frequency and its harmonics due to the remaining ripple.
Figure 67 shows the voltage noise density of the ADA4528-1/
ADA4528-2 configured in unity gain. A noise energy spectrum
of 50 nV/√Hz can be seen at the chopping frequency of 200 kHz.
This noise energy spectrum is significant when the op amp has a
closed-loop frequency that is higher than the chopping frequency.
1
10
100
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = 5V
VCM = VSY/2
AV = 1
Figure 67. Voltage Noise Density vs. Frequency
To further suppress the noise at the chopping frequency, it is
recommended that a post filter be placed at the output of the
amplifier. For more information about residual voltage ripple,
see the AN-1114 Application Note, Lowest Noise Zero-Drift
Amplifier Has 5.6 nV/√Hz Voltage Noise Density.
COMPARATOR OPERATION
Figure 68 shows the ADA4528-2 configured as a voltage
follower with an input voltage that is always kept at midpoint
of the power supplies. The same configuration is applied to the
unused channel. A1 and A2 indicate the placement of ammeters
to measure supply current. As shown in Figure 69, as expected,
in normal operating condition, ISY+ = ISY− = 3 mA for the dual
ADA4528-2 at 5 V of supplies.
A1
1kΩ
1kΩ
ISY+
+VSY
VOUT
–VSY
ISY
A2
ADA4528-2
1/2
Figure 68. Voltage Follower
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VSY (V)
Figure 69. Supply Current vs. Supply Voltage (Voltage Follower)
Figure 70 and Figure 71 show the ADA4528-2 configured as
comparators, with 1kΩ resistors in series with the input pins.
Figure 72 shows the supply currents for both configurations.
Supply currents increase slightly to 3.2 mA per dual amplifier at
5 V of supplies.
VOUT
A1
1kΩ
1kΩ
ISY+
+VSY
–VSY
ISY
A2
ADA4528-2
1/2
Figure 70. Comparator A
VOUT
A1
1kΩ
1kΩ
ISY+
+VSY
–VSY
ISY
A2
ADA4528-2
1/2
Figure 71. Comparator B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com