Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4528-1ACPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4528-1ACPZ-R2
Description  Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4528-1ACPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4528-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4528-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4528-1ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4528-1ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4528-1ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4528-1ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4528-1ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4528-1ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4528-1ACPZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Data Sheet
ADA4528-1/ADA4528-2
Rev. D | Page 15 of 28
TIME (20µs/DIV)
VSY = ±1.25V
VIN = 2V p-p
AV = 1
RL = 10kΩ
CL = 100pF
Figure 38. Large Signal Transient Response
TIME (1µs/DIV)
VSY = ±1.25V
VIN = 100mV p-p
AV = 1
RL = 10kΩ
CL = 100pF
Figure 39. Small Signal Transient Response
0
2
4
6
8
10
12
14
16
1
10
100
1000
LOAD CAPACITANCE (pF)
OS+
OS–
VSY = 2.5V
VIN = 100mV p-p
AV = 1
RL = 10kΩ
Figure 40. Small Signal Overshoot vs. Load Capacitance
TIME (20µs/DIV)
VSY = ±2.5V
VIN = 4V p-p
AV = 1
RL = 10kΩ
CL = 100pF
Figure 41. Large Signal Transient Response
TIME (1µs/DIV)
VSY = ±2.5V
VIN = 100mV p-p
AV = 1
RL = 10kΩ
CL = 100pF
Figure 42. Small Signal Transient Response
0
2
4
6
8
10
12
14
16
1
10
100
1000
LOAD CAPACITANCE (pF)
OS+
OS–
VSY = 5V
VIN = 100mV p-p
AV = 1
RL = 10kΩ
Figure 43. Small Signal Overshoot vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com