Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADCMP573BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # EVAL-ADCMP573BCPZ
Description  Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADCMP573BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button EVAL-ADCMP573BCPZ Datasheet HTML 8Page - Analog Devices EVAL-ADCMP573BCPZ Datasheet HTML 9Page - Analog Devices EVAL-ADCMP573BCPZ Datasheet HTML 10Page - Analog Devices EVAL-ADCMP573BCPZ Datasheet HTML 11Page - Analog Devices EVAL-ADCMP573BCPZ Datasheet HTML 12Page - Analog Devices EVAL-ADCMP573BCPZ Datasheet HTML 13Page - Analog Devices EVAL-ADCMP573BCPZ Datasheet HTML 14Page - Analog Devices EVAL-ADCMP573BCPZ Datasheet HTML 15Page - Analog Devices EVAL-ADCMP573BCPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADCMP572/ADCMP573
Rev. A | Page 14 of 16
OUTLINE DIMENSIONS
1
0.50
BSC
0.60 MAX
PIN 1
INDICATOR
1.50 REF
0.50
0.40
0.30
0.25 MIN
0.45
2.75
BSC SQ
TOP
VIEW
12° MAX
0.80 MAX
0.65 TYP
SEATING
PLANE
PIN 1
INDICATOR
3.00
BSC SQ
1.00
0.85
0.80
0.30
0.23
0.18
0.05 MAX
0.02 NOM
0.20 REF
*1.45
1.30 SQ
1.15
EXPOSED
PAD
16
5
13
8
9
12
4
(BOTTOM VIEW)
*COMPLIANT TO JEDEC STANDARDS MO-220-VEED-2
EXCEPT FOR EXPOSED PAD DIMENSION.
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 30. 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
3 mm × 3 mm Body, Very Thin Quad
(CP-16-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
ADCMP572BCP-WP
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-2
G03
ADCMP572BCPZ-WP1
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-2
G0Y
ADCMP572BCP-R2
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-2
G03
ADCMP572BCP-RL7
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-2
G03
ADCMP572BCPZ-R21
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-2
G0Y
ADCMP572BCPZ-RL71
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-2
G0Y
ADCMP573BCP-WP
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-2
G05
ADCMP573BCPZ-WP1
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-2
G0Z
ADCMP573BCP-R2
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-2
G05
ADCMP573BCP-RL7
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-2
G05
ADCMP573BCPZ-R21
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-2
G0Z
ADCMP573BCPZ-RL71
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-2
G0Z
EVAL-ADCMP572BCPZ1
Evaluation Board
EVAL-ADCMP573BCPZ1
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com