Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP497GSZ Datasheet(PDF) 7 Page - Analog Devices

Part # OP497GSZ
Description  Precision Picoampere Input Current Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP497GSZ Datasheet(HTML) 7 Page - Analog Devices

Back Button OP497GSZ Datasheet HTML 3Page - Analog Devices OP497GSZ Datasheet HTML 4Page - Analog Devices OP497GSZ Datasheet HTML 5Page - Analog Devices OP497GSZ Datasheet HTML 6Page - Analog Devices OP497GSZ Datasheet HTML 7Page - Analog Devices OP497GSZ Datasheet HTML 8Page - Analog Devices OP497GSZ Datasheet HTML 9Page - Analog Devices OP497GSZ Datasheet HTML 10Page - Analog Devices OP497GSZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
OP497
Rev. E | Page 7 of 16
100
–40
10M
20
–20
1k
0
100
80
40
60
1M
100k
10k
225
180
135
90
FREQUENCY (Hz)
GAIN
PHASE
VS = ±15V
CL = 30pF
RL = 1MΩ
TA = 25°C
Figure 17. Open-Loop Gain and Phase vs. Frequency
10k
1k
100
11
LOAD RESISTANCE (k
Ω)
VS = ±15V
VO = ±10V
0
20
TA = 25°C
TA = 125°C
Figure 18. Open-Loop Gain vs. Load Resistance
OUTPUT VOLTAGE (V)
–15
–10
–5
0
5
10
15
RL = 2kΩ
VS = ±15V
VCN = ±10V
TA = 25°C
TA = 125°C
Figure 19. Open-Loop Gain Linearity
160
0
1M
40
20
10
1
80
60
100
120
140
100k
10k
1k
100
FREQUENCY (Hz)
VS = ±15V
TA = 25°C
Figure 20. Common-Mode Rejection vs. Frequency
160
0
40
20
80
60
100
120
140
1M
10
1
100k
10k
1k
100
FREQUENCY (Hz)
–PSR
+PSR
VS = ±15V
TA = 25°C
Figure 21. Power Supply Rejection vs. Frequency
35
0
100k
15
5
1k
10
100
30
20
25
10k
FREQUENCY (Hz)
VS = ±15V
TA = 25°C
AVCL = +1
1% THD
RL = 10kΩ
Figure 22. Maximum Output Swing vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com