Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2018P Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2018P
Description  Trimless Voltage Controlled Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018P Datasheet(HTML) 3 Page - Analog Devices

  SSM2018P Datasheet HTML 1Page - Analog Devices SSM2018P Datasheet HTML 2Page - Analog Devices SSM2018P Datasheet HTML 3Page - Analog Devices SSM2018P Datasheet HTML 4Page - Analog Devices SSM2018P Datasheet HTML 5Page - Analog Devices SSM2018P Datasheet HTML 6Page - Analog Devices SSM2018P Datasheet HTML 7Page - Analog Devices SSM2018P Datasheet HTML 8Page - Analog Devices SSM2018P Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. A
–3–
SSM2018T/SSM2118T
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage
Dual Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Operating Temperature Range . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . +150
°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . . +300
°C
THERMAL CHARACTERISTICS
Thermal Resistance
2
16-Pin Plastic DIP
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
°C/W
θ
JC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
°C/W
16-Pin SOIC
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 92
°C/W
θ
JC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
°C/W
TRANSISTOR COUNT
Number of Transistors
SSM2018T . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125
SSM2118T . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 108
ESD RATINGS
883 (Human Body) Model . . . . . . . . . . . . . . . . . . . . . . . 500 V
EIAJ Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 V
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operation section of this specification is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods may affect device reliability.
2
θ
JA is specified for worst-case conditions, i.e.,
θ
JA is specified for device in socket
for P-DIP and device soldered in circuit board for SOIC package.
ORDERING GUIDE
Model
Temperature Range
Package Option*
SSM2018TP
–40
°C to +85°C
N-16
SSM2018TS
–40
°C to +85°C
R-16
SSM2118TP
–40
°C to +85°C
N-16
SSM2118TS
–40
°C to +85°C
R-16
*N = Plastic DIP; R = SOL.
PIN CONFIGURATIONS
16-Lead Plastic DIP
and SOL
16-Lead Plastic DIP
and SOL
+I1–G
V+
BAL
COMP 1
+IN
–IN
MODE
VC
V–
–I1–G
–IG
VG
GND
COMP 2
COMP 3
1
2
16
15
5
6
7
12
11
10
3
4
14
13
89
TOP VIEW
(Not to Scale)
SSM2018T
V1–G
+I1–G
V+
BAL
COMP 1
+IN
–IN
MODE
VC
V–
–I1–G
GND
COMP 2
COMP 3
1
2
16
15
5
6
7
12
11
10
3
4
14
13
89
TOP VIEW
(Not to Scale)
SSM2118T
V1–G
–IG
+IG
SSM2018T Typical Application Circuit
SSM2118T Typical Application Circuit
1
µF
18k
V
IN+
V–
150k
A1
10k
10k
18k
18k
500k
50pF
V
OUT
GLOBAL
SYMMETRY
TRIM
FROM
ADDITIONAL
SSM2118Ts
V–
1
µF 18k
V
IN–
47pF
1
µF
3k
V
CONTROL
V+
50pF
*
470k
OPTIONAL
TRIM
47k
47k
A1, A2: OP275
1
2
5
6
7
3
4
8
16
15
12
11
10
14
13
9
SSM2118T
A2
1k
*FOR MORE THAN 2 SSM2118Ts
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the SSM2018T/SSM2118T features proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
V+
1
µF
150k
18k
V+
18k
V
IN+
1
µF 18k
V
IN–
47pF
1
µF
50pF
1k
V
CONTROL
3k
V
OUT
V–
1
2
16
15
5
6
7
12
11
10
3
4
14
13
89
SSM2018T
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com