Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2018TS Datasheet(PDF) 15 Page - Analog Devices

Part # SSM2018TS
Description  Trimless Voltage Controlled Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018TS Datasheet(HTML) 15 Page - Analog Devices

Back Button SSM2018TS Datasheet HTML 8Page - Analog Devices SSM2018TS Datasheet HTML 9Page - Analog Devices SSM2018TS Datasheet HTML 10Page - Analog Devices SSM2018TS Datasheet HTML 11Page - Analog Devices SSM2018TS Datasheet HTML 12Page - Analog Devices SSM2018TS Datasheet HTML 13Page - Analog Devices SSM2018TS Datasheet HTML 14Page - Analog Devices SSM2018TS Datasheet HTML 15Page - Analog Devices SSM2018TS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
REV. A
–15–
SSM2018T/SSM2118T
V+
1
µF
R
B
18k
V+
18k
V
IN+
1
µF 18k
V
IN–
47pF
1
µF
50pF
1k
V
CONTROL
3k
V
OUT
1
2
16
15
5
6
7
12
11
10
3
4
14
13
89
SSM2018T
V+
OP176
100k
100k
V+
10
µF
Figure 45. Single Supply Operation of SSM2018T
Operational Voltage Controlled Element
The SSM2018T has considerable flexibility beyond the basic
VCA circuit utilized throughout this data sheet. The name
“Operational Voltage Controlled Element” comes from the fact
that the part behaves much like an operational amplifier with a
second voltage controlled output. The symbol for the OVCE
connected as a unity gain follower/VCA is shown in Figure 46.
The voltage output labeled V1–G is fed back to the inverting in-
put just as for an op amp’s feedback. The VG output is ampli-
fied or attenuated depending upon the control voltage. Because
the OVCE works just like an op amp, the feedback could just as
easily have included resistors to add gain, or a filter network to
add frequency shaping. The full circuit for the OVCE is shown
in Figure 47. Notice that the amplifier whose output (Pin 16)
was originally connected to VMINUS is now the output for feed-
back. As mentioned before, because the SSM2018T is trimmed
for the basic VCA configuration, potentiometers are needed for
the OVCE configuration to ensure the best THD and control
feedthrough performance.
If a symmetry trim is to be performed, it should precede the
control feedthrough trim and be done as follows:
1. Apply a 1 kHz sine wave of +10 dBu to the input, with the
control voltage set for unity gain.
2. Adjust the symmetry trim potentiometer to minimize distor-
tion of the output signal.
Next the control feedthrough trim is done as follows:
1. Ground the input signal port and apply a 60 Hz sine wave
to the control port. The sine wave should have its high and
low peaks correspond to the highest gain to be used in the
application and 30 dB of attenuation, respectively. For ex-
ample, a range of +20 dB gain to 30 dB attenuation requires
that the sine wave amplitude ranges between –560 mV and
+840 mV on Pin 11.
2. Adjust the control feedthrough potentiometer to null the sig-
nal seen at the output.
VIN
VC
VG
V1–G
Figure 46. OVCE Follower/VCA Connection
18k
Ω
50pF
470k
Ω
500k
Ω
V+
100k
Ω
10M
Ω
CONTROL
FEEDTHROUGH
TRIM
V+
V–
V1–G
VG
INPUTS
220pF
NC
V–
1µF
1k
Ω
3k
Ω
VCONTROL
RB: 30kΩ FOR CLASS A
150k
Ω FOR CLASS AB
NC = NO CONNECT
SYMMETRY
TRIM
V+
RB
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SSM2018T
18k
Ω
50pF
Figure 47. OVCE Application Circuit
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com