Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP382HD15AA-R2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP382HD15AA-R2G
Description  Fixed Current-Limiting Power-Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP382HD15AA-R2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP382HD15AA-R2G Datasheet HTML 1Page - ON Semiconductor NCP382HD15AA-R2G Datasheet HTML 2Page - ON Semiconductor NCP382HD15AA-R2G Datasheet HTML 3Page - ON Semiconductor NCP382HD15AA-R2G Datasheet HTML 4Page - ON Semiconductor NCP382HD15AA-R2G Datasheet HTML 5Page - ON Semiconductor NCP382HD15AA-R2G Datasheet HTML 6Page - ON Semiconductor NCP382HD15AA-R2G Datasheet HTML 7Page - ON Semiconductor NCP382HD15AA-R2G Datasheet HTML 8Page - ON Semiconductor NCP382HD15AA-R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NCP382
http://onsemi.com
2
IN
OUT1
EN1
GND
NCP382
USB
Port
GND
D+
D−
VBUS
120 mF
USB INPUT
5V
EN1
FLAG1
USB
DATA
EN2
EN2
FLAG2
OUT2
USB
Port
GND
D+
D−
VBUS
120 mF
USB
DATA
Rfault
Figure 1. Typical Application Circuit
1 mF
100 kW
FLAG1
FLAG2
Figure 2. Pin Connections
GND
IN
EN1
EN2
OUT1
OUT2
FLAG1
FLAG2
GND
IN
EN1
EN2
OUT1
OUT2
FLAG1
FLAG2
DFN8
SOIC−8
1
2
3
4
8
7
6
5
8
7
6
5
1
2
3
4
(Top View)
PIN FUNCTION DESCRIPTION
Pin Name
Type
Description
EN1
I
Enable 1 input, logic low/high (i.e. EN or EN) turns on power switch.
EN2
I
Enable 2 input, logic low/high (i.e. EN or EN) turns on power switch.
GND
P
Ground connection.
IN
P
Power−switch input voltage; connect a 1 mF or greater ceramic capacitor from IN to GND as close as possible to
the IC.
FLAG1
O
Active−low open−drain output 1, asserted during overcurrent or overtemperature conditions. Connect a 10 kW or
greater resistor pull−up, otherwise leave unconnected.
FLAG2
O
Active−low open−drain output 2, asserted during overcurrent or overtemperature conditions. Connect a 10 kW or
greater resistor pull−up, otherwise leave unconnected.
OUT1
O
Power−switch output1; connect a 1 mF ceramic capacitor from OUT1 to GND, as close as possible to the IC.
This minimum value is recommended for USB requirement in terms of load transient response and strong short
circuits.
OUT2
O
Power−switch output2; connect a 1 mF ceramic capacitor from OUT2 to GND, as close as possible to the IC.
This minimum value is recommended for USB requirement in terms of load transient response and strong short
circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com