Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP382LD05AA-R2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP382LD05AA-R2G
Description  Fixed Current-Limiting Power-Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP382LD05AA-R2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP382LD05AA-R2G Datasheet HTML 4Page - ON Semiconductor NCP382LD05AA-R2G Datasheet HTML 5Page - ON Semiconductor NCP382LD05AA-R2G Datasheet HTML 6Page - ON Semiconductor NCP382LD05AA-R2G Datasheet HTML 7Page - ON Semiconductor NCP382LD05AA-R2G Datasheet HTML 8Page - ON Semiconductor NCP382LD05AA-R2G Datasheet HTML 9Page - ON Semiconductor NCP382LD05AA-R2G Datasheet HTML 10Page - ON Semiconductor NCP382LD05AA-R2G Datasheet HTML 11Page - ON Semiconductor NCP382LD05AA-R2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NCP382
http://onsemi.com
10
ORDERING INFORMATION
Device
Marking
Active
Enable
Level
Over
Current
Limit
Evaluation
Board
UL
2367
IEC6095
0 Ed2
(CB
Scheme)
IEC6095
0 Ed2
Ad1
Package
Shipping
NCP382LMN05A-
ATXG
382
L05
ENx
Low
0.5 A
NCP382LM
N05AGEVB
N
N
N
DFN8
(Pb−Free)
3000 /
Tape / Reel
NCP382LMN10A-
ATXG
382
L10
1.0 A
NCP382LM
N10AGEVB
N
N
N
NCP382LMN15A-
ATXG
382
L15
1.5 A
NCP382LM
N15AGEVB
N
N
N
NCP382LMN20A-
ATXG
382
L20
2.0 A
NCP382LM
N20AGEVB
N
N
N
NCP382HMN05A-
ATXG
382
H05
ENx
High
0.5 A
NCP382HM
N05AGEVB
N
N
N
NCP382HMN10A-
ATXG
382
H10
1.0 A
NCP382HM
N10AGEVB
N
N
N
NCP382HMN15A-
ATXG
382
H15
1.5 A
NCP382HM
N15AGEVB
N
N
N
NCP382HMN20A-
ATXG
382
H20
2.0 A
NCP382HM
N20AGEVB
N
N
N
NCP382LD05AA
R2G
382L05
ENx
Low
0.5 A
NCP382LD
05AAGEVB
Y
Y
Y
SOIC−8
(Pb−Free)
2500 /
Tape / Reel
NCP382LD10AA
R2G
382L10
1.0 A
NCP382LD
10AAGEVB
Y
Y
Y
NCP382LD15AA
R2G
382L15
1.5 A
NCP382LD
15AAGEVB
Y
Y
Y
NCP382HD05AA
R2G
382H05
ENx
High
0.5 A
NCP382HD
05AAGEVB
Y
Y
Y
NCP382HD10AA
R2G
382H10
1.0 A
NCP382HD
10AAGEVB
Y
Y
Y
NCP382HD15AA
R2G
382H15
1.5 A
NCP382HD
15AAGEVB
Y
Y
Y
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com