Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

337FSB330XGCD Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 337FSB330XGCD
Description  55C Photoflash Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

337FSB330XGCD Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  337FSB330XGCD Datasheet HTML 1Page - Illinois Capacitor, Inc. 337FSB330XGCD Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FSB
+55°C, Snap in
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
LC (µA)
20°C,
5 minutes
Dims DxL
(mm)
220
330
227FSB330XBD
0.469
220
22x30
220
330
227FSB330XGBD
0.469
220
22x40
220
360
227FSB360XBE
0.469
220
22x35
220
360
227FSB360XCD
0.469
220
25x30
220
360
227FSB360XGBE
0.469
220
22x35
220
360
227FSB360XGCD
0.469
220
25x30
330
330
337FSB330XBF
0.313
330
22x40
330
330
337FSB330XCD
0.313
330
25x30
330
330
337FSB330XGBF
0.313
330
22x40
330
330
337FSB330XGCD
0.313
330
25x30
330
360
337FSB360XBG
0.313
330
22x45
330
360
337FSB360XCF
0.313
330
25x40
330
360
337FSB360XDE
0.313
330
30x35
330
360
337FSB360XGBG
0.313
330
22x45
330
360
337FSB360XGCF
0.313
330
25x40
330
360
337FSB360XGDE
0.313
330
30x35
470
330
477FSB330XBH
0.219
470
22x50
470
330
477FSB330XCF
0.219
470
25x40
470
330
477FSB330XDF
0.219
470
30x35
470
330
477FSB330XGBH
0.219
470
22x50
470
330
477FSB330XGCF
0.219
470
25x40
470
330
477FSB330XGDE
0.219
470
30x35
470
360
477FSB360XBP
0.219
470
22x55
470
360
477FSB360XCP
0.219
470
22x55
470
360
477FSB360XDG
0.219
470
30x35
470
360
477FSB360XGBP
0.219
470
22x55
470
360
477FSB360XGCP
0.219
470
25x55
470
360
477FSB360XGDG
0.219
470
30x45
680
330
687FSB330XBZ
0.217
680
22x60
680
330
687FSB330XCH
0.217
680
25x50
680
330
687FSB330XDG
0.217
680
30x45
680
330
687FSB330XEF
0.217
680
35x40
680
330
687FSB330XGBZ
0.217
680
22x60
680
330
687FSB330XGCH
0.217
680
25x50
680
330
687FSB330XGDG
0.217
680
30x45
680
330
687FSB330XGEF
0.217
680
35x40
680
360
687FSB360XBJ
0.217
680
22x65
680
360
687FSB360XCJ
0.217
680
25x65
680
360
687FSB360XDP
0.217
680
30x55
680
360
687FSB360XEH
0.217
680
35x50
680
360
687FSB360XGBJ
0.217
680
22x65
680
360
687FSB360XGDP
0.217
680
30x55
680
360
687FSB360XGEH
0.217
680
35x50
680
360
687FSB260XGCJ
0.217
680
25x65
820
330
827FSB330XBQ
0.18
820
22x75
820
330
827FSB330XCZ
0.18
820
25x60
820
330
827FSB330XDP
0.18
820
30x55
820
330
827FSB330XEG
0.18
820
35x45
820
330
827FSB330XGBQ
0.18
820
22x75
820
330
827FSB330XGCZ
0.18
820
25x60
820
330
827FSB330XGDP
0.18
820
30x55
820
330
827FSB330XGEG
0.18
820
35x45
820
360
827FSB360CQ
0.18
820
25x75
820
360
827FSB360XBQ
0.18
820
22x75
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
LC (µA)
20°C,
5 minutes
Dims DxL
(mm)
820
360
827FSB360XDJ
0.18
820
30x65
820
360
827FSB360XEP
0.18
820
35x55
820
360
827FSB360XGBQ
0.18
820
25x75
820
360
827FSB360XGCQ
0.18
820
25x75
820
360
827FSB360XGDJ
0.18
820
30x65
820
360
827FSB360XGEP
0.18
820
35x55
1000
330
108FSB330XGDJ
0.147
1000
30x65
1000
330
108FSB360XCR
0.147
1000
25x85
1000
330
108FSB330XGEJ
0.147
1000
35x55
1000
330
108FSB330XEP
0.147
1000
35x55
1000
330
108FSB330XGCQ
0.147
1000
25x75
1000
330
108FSB330XCQ
0.147
1000
25x75
1000
330
108FSB330XDJ
0.147
1000
30x65
1000
360
108FSB360XDQ
0.147
1000
30x75
1000
360
108FSB360XEZ
0.147
1000
35x60
1000
360
108FSB360XGCR
0.147
1000
25x85
1000
360
108FSB360XGDQ
0.147
1000
30x75
1000
360
108FSB360XGEZ
0.147
1000
35x60
1200
330
128FSB330XDQ
0.123
1200
30x75
1200
330
128FSB330XEZ
0.123
1200
35x60
1200
330
128FSB330XGDQ
0.123
1200
30x75
1200
330
128FSB330XGEZ
0.123
1200
35x60
1200
360
128FSB360XDR
0.123
1200
30x85
1200
360
128FSB360XEJ
0.123
1200
35x65
1200
360
128FSB360XFZ
0.123
1200
40x60
1200
360
128FSB360XGDR
0.123
1200
30x85
1200
360
128FSB360XGEJ
0.123
1200
35x65
1200
360
128FSB360XGFZ
0.123
1200
40x60
1500
330
158FSB330XEJ
0.123
1200
35x65
1500
330
158FSB330XFZ
0.123
1500
40x60
1500
330
158FSB330XGEJ
0.123
1500
35x65
1500
330
158FSB330XGFZ
0.123
1500
40x60
1800
330
188FSB330XEK
0.1228
1800
35x70
1800
330
188FSB330XFJ
0.1228
1800
40x65
1800
330
188FSB330XGEK
0.1228
1800
35x70
1800
330
188FSB330XGFJ
0.1228
1800
40x65
1800
360
188FSB360XEK
0.1228
1800
35x70
1800
360
188FSB360XFJ
0.1228
1800
40x65
1800
360
188FSB360XGEK
0.1228
1800
35x70
1800
360
188FSB360XGFJ
0.1228
1800
40x65
2200
330
228FSB330XEQ
0.067
2200
35x75
2200
330
228FSB330XFK
0.067
2200
40x70
2200
330
228FSB330XGEQ
0.1005
2200
35x75
2200
330
228FSB330XGFK
0.1005
2200
40x70
2200
360
228FSB360XEQ
0.1005
2200
35x75
2200
360
228FSB360XFK
0.1005
2200
40x70
2200
360
228FSB360XGEQ
0.1005
2200
35x75
2200
360
228FSB360XGFK
0.1005
2200
40x70
2500
330
258FSB330XFQ
0.0884
2500
40x75
2500
330
258FSB330XGFQ
0.0884
2500
40x75
2500
360
258FSB360EM
0.0884
2500
35x80
2500
360
258FSB360FM
0.0884
2500
40x80
2500
360
258FSB360XGEM
0.0884
2500
35x80
2500
360
258FSB360XGFM
0.0884
2500
40x80



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com