Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

506FSR360XZ2AB Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 506FSR360XZ2AB
Description  55C Radial lead Photoflash aluminum electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

506FSR360XZ2AB Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  506FSR360XZ2AB Datasheet HTML 1Page - Illinois Capacitor, Inc. 506FSR360XZ2AB Datasheet HTML 2Page - Illinois Capacitor, Inc. 506FSR360XZ2AB Datasheet HTML 3Page - Illinois Capacitor, Inc. 506FSR360XZ2AB Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FSR
+55°C, photoflash Radial lead
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
LC (µA)
20°C,
5 minutes
Dims DxL
(mm)
30
300 306FSR300XZ2BW 2.947
30
9.2x16
30
300 306FSR300XZ5BD
2.947
30
9.5x15
30
310 306FSR310XZ2BS
2.947
30
9.2x17
30
310
306FSR330Z2BF
2.947
30
9.2x18
47
300 476FSR300XG3BF
1.881
47
10.3x18
47
300
476FSR300XGRK
1.881
47
10x19
47
300
476FSR300XZ2JJ
1.881
47
9.2x22
47
300
476FSR300XZ5JB
1.881
47
9.5x21
47
310
476FSR310XZ2JA
1.881
47
9.2x23
47
310
476FSR310XZ5JJ
1.881
47
9.5x22
47
310
476FSR330XGJB
1.881
47
10x21
47
310
476FSR330XZ2JC
1.881
47
9.2x24
47
310
476FSR330XZ5JA
1.881
47
9.5x23
50
300
506FSR300XBBS
1.881
50
11x17
50
300 506FSR300XG3BK
1.768
50
10.3x19
50
300 506FSR300XG6BF
1.768
50
10.6x18
50
300
506FSR300XGJG
1.768
50
10x20
50
300
506FSR300XZ2JA
1.768
50
9.2x23
50
300
506FSR300XZ5JJ
1.768
50
9.5x22
50
310 506FSR330XG3JG
1.768
50
10.3x20
50
310
506FSR330XGJJ
1.768
50
10x22
50
310 506FSR330XZ2JD
1.768
50
9.2x25
50
310
506FSR330XZ5JC
1.768
50
9.5x24
50
310
506FSR310XGJG
1.768
50
10x20
50
310
506FSR310XZ2JC
1.768
50
9.2x24
50
310
506FSR310XZ5JA
1.768
50
9.5x23
50
360 506FSR360XG3JC
1.768
50
10.3x24
50
360 506FSR360XG6JA
1.768
50
10.6x23
50
360
506FSR360XGJW
1.768
50
10x26
50
360 506FSR360XZ2AB
1.768
50
9.2x31
50
360
506FSR360XZ5JK
1.768
50
9.5x29
55
300
556FSR300XGJB
1.608
55
10x21
55
300
556FSR300XHBC
1.608
55
12x14
55
300 556FSR300XZ2JD
1.608
55
9.2x25
55
300
556FSR300XZ5JC
1.608
55
9.5x24
55
300
556FSR300XBBF
1.608
55
11x18
55
300 556FSR300XG3JG
1.608
55
10.3x20
55
300 556FSR300XG6BK
1.608
55
10.6x19
55
310 556FSR310XG3JB
1.608
55
10.3x21
55
310
556FSR310XGJJ
1.608
55
10x22
55
310 556FSR330XG6JB
1.608
55
10.6x21
55
310
556FSR330XGJA
1.608
55
10x23
55
310
556FSR330XZ2JS
1.608
55
9.2x27
55
310 556FSR310XZ2JW
1.608
55
9.2x26
55
310 556FSR310XZ5JD
1.608
55
9.5x25
55
310
556FSR330XG3JJ
1.608
55
10.3x22
55
310 556FSR330XZ5JW
1.608
55
9.5x26
60
300
606FSR300XBBK
1.474
60
11x19
60
300
606FSR300XG3JJ
1.474
60
10.3x22
60
300
606FSR300XZ2JS
1.474
60
9.2x27
60
300 606FSR300XZ5JW
1.474
60
9.5x26
60
300 606FSR300XG6JG
1.474
60
10.6x20
60
300
606FSR300XGJA
1.474
60
10x23
60
300
606FSR300XHBD
1.474
60
12x15
60
310
606FSR330XG6JJ
1.474
60
10.6x22
60
310
606FSR330XGJD
1.474
60
10x25
60
310
606FSR330XZ2JK
1.474
60
9.2x29
60
310 606FSR310XG6JB
1.474
60
10.6x21
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
LC (µA)
20°C,
5 minutes
Dims DxL
(mm)
60
310
606FSR310XGJA
1.474
60
10x23
60
310
606FSR310XZ2JF
1.474
60
9.2x28
60
310
606FSR310XG3JJ
1.474
60
10.3x22
60
310 606FSR310XZ5JW
1.474
60
9.5x26
60
310
606FSR330XBJG
1.474
60
11x20
60
310 606FSR330XG3JA
1.474
60
10.3x23
60
310
606FSR330XZ5JS
1.474
60
9.5x27
60
310
606FSR360XBJC
1.474
60
11x24
60
360
606FSR360XG3JF
1.474
60
10.3x28
60
360 606FSR360XZ5AA
1.474
60
9.5x33
60
360 606FSR360XG6JW
1.474
60
10.6x26
60
360
606FSR360XGAG
1.474
60
10x30
60
360 606FSR360XZ2AW 1.474
60
9.2x36
70
300
706FSR300XG6JJ
1.263
70
10.6x22
70
300
706FSR300XGJD
1.263
70
10x25
70
300
706FSR300XHBS
1.263
70
12x17
70
300
706FSR300XBJB
1.263
70
11x21
70
300 706FSR300XG3JC
1.263
70
10.3x24
70
300
706FSR300XTBW
1.263
70
12.5x16
70
300 706FSR300XZ2AG
1.263
70
9.2x30
70
300
706FSR300XZ5JK
1.263
70
9.5x29
70
310
706FSR310XGJW
1.263
70
10x26
70
310
706FSR310XHBS
1.263
70
12x17
70
310 706FSR310XZ2AB
1.263
70
9.2x31
70
310 706FSR330XZ2AA
1.263
70
9.2x33
70
310 706FSR330XZ5AB
1.263
70
9.5x31
70
310 706FSR330XG6JD
1.263
70
10.6x25
70
310
706FSR330XGJS
1.263
70
10x27
70
310
706FSR330XHBF
1.263
70
12x18
70
310 706FSR310XZ5AG
1.263
70
9.5x30
70
310
706FSR330XBJA
1.263
70
11x23
70
310 706FSR330XG3JW
1.263
70
10.3x26
70
310
706FSR310XBJJ
1.263
70
11x22
70
310 706FSR310XG3JD
1.263
70
10.3x25
70
310 706FSR310XG6JA
1.263
70
10.6x23
80
300
806FSR300XGJF
1.105
80
10x28
80
300
806FSR300XHBF
1.105
80
12x18
80
300
806FSR300XTBS
1.105
80
12.5x17
80
300
806FSR300XBJA
1.105
80
11x22
80
300
806FSR300XZ2A
1.105
80
9.2x34
80
300 806FSR300XZ5AA
1.105
80
9.5x33
80
310
806FSR310XBJC
1.105
80
11x24
80
310 806FSR310XZ5AA
1.105
80
9.5x33
80
310
806FSR330XBJD
1.105
80
11x25
80
310 806FSR330XG3JK
1.105
80
10.3x29
80
310
806FSR310XHBK
1.105
80
12x19
80
310
806FSR310XTBF
1.105
80
12.5x18
80
310 806FSR310XZ2AD
1.105
80
9.2x35
80
310
806FSR310XG3JF
1.105
80
10.3x28
80
310 806FSR310XG6JW
1.105
80
10.6x26
80
310
806FSR310XGJK
1.105
80
10x29
80
310
806FSR360XGAC
1.105
80
10x34
80
310
806FSR360XHJC
1.105
80
12x24
80
310 806FSR360XK5CA
1.105
80
9.5x43
80
310
806FSR330XTBK
1.105
80
12.5x19
80
310 806FSR330XZ2AS
1.105
80
9.2x37
80
310 806FSR330XZ5AC
1.105
80
9.5x34
80
310 806FSR330XG6JS
1.105
80
10.6x27



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com