Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR10D06 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # DR10D06
Description  DIN rail mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DR10D06 Datasheet(HTML) 1 Page - Crydom Inc.,

  DR10D06 Datasheet HTML 1Page - Crydom Inc., DR10D06 Datasheet HTML 2Page - Crydom Inc., DR10D06 Datasheet HTML 3Page - Crydom Inc., DR10D06 Datasheet HTML 4Page - Crydom Inc., DR10D06 Datasheet HTML 5Page - Crydom Inc., DR10D06 Datasheet HTML 6Page - Crydom Inc., DR10D06 Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SeriesOne DR Series
• Ratings of 6 & 12 Amps
• Load voltage ratings of 1-60VDC, 1-100VDC, 24-280VAC and 48-600VAC
• Fits standard 35mm DIN-RAIL
• LED input status indicator
• AC or DC control
• Zero-crossing (resistive loads) or random turn-on (inductive loads) output
• UL and cUL Listed, HP Rated CE & RoHS Compliant
• UL 508 Endurance Rating for Enhanced Reliability
PRODUCT SELECTION
Description
280V, 6A
280V, 12A
600V, 6A
600V, 12A
60V, 6A
60V, 12A
100V, 6A
100V, 12A
4-32 VDC Control
DR24D06
DR24D12
DR48D06
DR48D12
DR06D06
DR06D12
DR10D06
DR10D12
90-140 VAC Control
DR24B06
DR24B12
DR48B12
200-265 VAC Control
DR24A06
DR24A12
DR48A12
18-36 VAC Control
DR24E06
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS AC Output (1)
Description
DR24x06
DR24x12
DR48X06
DR48x12
Operating Voltage (47-63Hz) [Vrms]
24-280
24-280
48-600
48-600
Transient Overvoltage [Vpk]
600
600
1200
1200
Maximum Load Current, resistive [Arms] (2)
6
12
6
12
Minimum Load Current [Arms]
0.15
0.15
0.15
0.15
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
0.1
0.1
0.1
0.2
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] (3)
500
500
500
500
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.3
1.3
1.3
1.3
Maximum Surge Current (50/60 Hz, 1 cycle) [Apk]
285/300
715/750
285/300
715/750
Maximum I²t for Fusing (50/60 HZ, 1/2 cycle) [A² sec]
410/375
2560/2330
410/375
2560/2330
HP Rating UL 508/IEC60947 [HP (KW)] @ 240V
1/2 (.37)
1 (.75)
1/2 (.37)
1 (.75)
HP Rating UL 508/IEC60947 [HP (KW)] @ 380V
1 (.75)
2 (1.5)
1 (.75)
2 (1.5)
HP Rating UL 508/IEC60947 [HP (KW)] @ 480V
2 (1.5)
3 (2.2)
2 (1.5)
3 (2.2)
Minimum Power Factor (with Maximum Load)
0.5
0.5
0.5
0.5
Min/Max stranded wire
22/14 AWG
22/14 AWG
22/14 AWG
22/14 AWG
Min/Max solid wire
22/14 AWG
22/14 AWG
22/14 AWG
22/14 AWG
Weight (typical)
1.76 oz. (50g)
3.17 oz. (90g)
1.76 oz. (50g)
3.17 oz. (90g)


Similar Part No. - DR10D06

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DR10D06 CRYDOM-DR10D06 Datasheet
1Mb / 7P
Ratings of 6 & 12 Amps
DR10D06 CRYDOM-DR10D06 Datasheet
926Kb / 7P
DIN Rail Mount
logo
Sensata Technologies, I...
DR10D06 SENSATA-DR10D06 Datasheet
326Kb / 6P
DIN RAIL MOUNT SOLID STATE RELAYS
logo
Crydom Inc.,
DR10D06X CRYDOM-DR10D06X Datasheet
929Kb / 7P
Load voltage ratings of 1-60VDC, 1-100VDC, 24-280VAC and 48-600VAC
DR10D06X CRYDOM-DR10D06X Datasheet
929Kb / 7P
Ratings of 6 & 12 Amps
More results

Similar Description - DR10D06

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CKM CRYDOM-CKM Datasheet
545Kb / 4P
DIN Rail Mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
DIN Rail Mount
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
DIN rail mount
CKR24 CRYDOM-CKR24_17 Datasheet
586Kb / 5P
DIN Rail Mount
CMR60 CRYDOM-CMR60_17 Datasheet
611Kb / 5P
DIN Rail Mount
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com