Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR10D12 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # DR10D12
Description  DIN rail mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DR10D12 Datasheet(HTML) 2 Page - Crydom Inc.,

  DR10D12 Datasheet HTML 1Page - Crydom Inc., DR10D12 Datasheet HTML 2Page - Crydom Inc., DR10D12 Datasheet HTML 3Page - Crydom Inc., DR10D12 Datasheet HTML 4Page - Crydom Inc., DR10D12 Datasheet HTML 5Page - Crydom Inc., DR10D12 Datasheet HTML 6Page - Crydom Inc., DR10D12 Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
OUTPUT SPECIFICATIONS DC Output (1)
Description
DR06D06
DR10D06
DR06D12
DR10D12
Operating Voltage [VDC]
1-60
1-100
1-60
1-100
Maximum Load Current [Adc] (2)
6
6
12
12
Minimum Load Current [mAdc]
2.5
2.5
2.5
2.5
Maximum Off-State Leakage Current @ Rated Voltage [mA]
0.1
0.1
0.1
0.1
Maximum On-State Voltage Drop @ Rated Current [Vpk]
0.6
0.6
0.5
0.5
Maximum Surge Current (10ms) [Apk]
60
60
100
100
On-State resistance at rated current [Ohms]
0.1
0.1
0.045
0.045
Min/Max stranded wire
22/14 AWG
22/14 AWG
22/14 AWG
22/14 AWG
Min/Max solid wire
22/14 AWG
22/14 AWG
22/14 AWG
22/14 AWG
Weight (typical)
1.76 oz. (50g)
1.76oz. (50g)
3.17 oz. (90g)
3.17 oz. (90g)
INPUT SPECIFICATIONS (1)
Description
DRxxDxx
DRxxBxx
DRxxAxx
DRxxExx
Control Voltage Range (4)
4.0-32 VDC
90-140 Vrms
200-265 Vrms
18-36 Vrms
Minimum Turn-On Voltage
4.0 VDC
90 Vrms
200 Vrms
18 Vrms
Minimum Turn-Off Voltage
1.0 VDC
10 Vrms
90 Vrms
4 Vrms
Minimum Input Current [mA] (5)
9
3
2.5
3.5
Maximum Input Current [mA] (5)
11
5
3.3
8
Maximum Turn-On Time (6) (7)
1/2 Cycle
20 msec
20 msec
20 msec
Maximum Turn-Off Time (8)
1/2 Cycle
30 msec
30 msec
30 msec
Min/Max stranded/solid wire
22/16 AWG
22/16 AWG
22/16 AWG
22/16 AWG
GENERAL SPECIFICATIONS (1)
Description
Parameters
Dielectric Strength, Input to Output (50/60Hz)
4000Vrms (9)
Minimum Insulation Resistance (@ 500 V DC)
10
9 Ohms
Maximum Capacitance, Input/Output
10 pF
Ambient Operating Temperature Range
-30ºC to 80ºC
Ambient Storage Temperature Range
-30ºC to 100ºC
Recommended Terminal Screw Torque Range:
4.4-7.0 in lb (0.5-0.8 Nm)
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
2) See Derating Curves
3) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
4) DC control includes reverse polarity protection.
5) Input circuitry incorporates active current limiter.
6) Turn-on time for DC control random turn-on versions is 0.1 msec
7) Turn-on time for DC output 600µsec
8) Turn-off time for DC output 300µsec
9) 2500Vrms for DC output
Standards of Compliance
IEC 62314
LC A, Resistive or Slightly Inductive Load Ratings: 12A @ 40C ambient for DR24x12, 12A @ 40C ambient for DR48x12
LC A, Resistive or Slightly Inductive Load Ratings: 6A @ 40C ambient for DR24x06, 6A @ 40C ambient for DR48x06
LC A, Resistive or Slightly Inductive Load Ratings: 6A per channel @ 40C ambient for DRD24D06, 6A per channel @ 40C ambient for DRD48D06
LC B, Motor Loads Ratings: 0.75KW @ 240VAC for DR24x12 and 2.2KW @ 480VAC DR48x12
LC B, Motor Loads Ratings: 0.375KW @ 240VAC for DR24x06 and 1.5KW @ 480VAC DR48x06
LC B, Motor Loads Ratings: 0.375KW @ 240VAC for DRD24x06 and 1.5KW @ 480VAC DRD48x06
Shock and Vibration (Applies to all part numbers)
Vibration Resistance according to IEC 60068-2-6: 0.35mm and 0.75mm Amplitude over 10-55 Hz
Shock Resistance according to IEC 60068-2-27: 15g/11ms
EMC (Applies to all part numbers)
IEC 61000-4-2 : Electrostatic Discharge – Level 3
IEC 61000-4-4 : Electrically Fast Transients – Level 3
IEC 61000-4-5 : Electrical Surges – Level 3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com