Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

475MPP152KS2P Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 475MPP152KS2P
Description  Metallized polypropylene film in Round plastic shell
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

475MPP152KS2P Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  475MPP152KS2P Datasheet HTML 1Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MPP Metallized polypropylene film in
Round plastic shell
High reliability
DC link
High ripple current
Low self inductance
Low ESR
DC Filtering
Inverters
Operating Temperature Range
-55°C to +105°C
For T>85°C the rated voltage must be decreased by 2.5% per °C
Capacitance Tolerance
+10% at 1 kHz, 20°C
Insulation Resistance
@20°C (<70% RH)
10000 MΩ
Terminal to Terminal
Terminal to Case
Dielectric Strength
125% of VDC applied for 60 Seconds
and 20°C
3000 VAC applied for 60 Seconds and
20°C
Life expectancy
>10000 Hours
Self Inductance
35 nanohenries Maximum
Construction
Special Metallized Polypropylene film
Electrodes
Aluminum foil (Vacuum deposited)
Coating
Flame Retardant plastic case with epoxy end fill
Lead terminations
Lead free tinned copper leads
Maximum RMS ripple
current (A) 10kHz-100kHz
Capacitance
(uF)
WVDC
dv/dt
(V/us)
Peak
Current
(A)
25°C
50°C
75°C
Maximum
ESR (mΩ)
100kHz,+25°C
Dimensions
DxL
(mm)
4.7
1500
475MPP152KS2P
73
343.1
15
11.5
7.8
15
36x54
7.5
1200
755MPP122KS2P
61
457.5
16
12
8.4
13.5
36x54
10
1000
106MPP102KS2P
51
510
17.5
13.5
9
12
36x54
13.5
900
136MPP900KS2P
42
567
18
14.5
9.6
10.5
36x54
15
800
156MPP800KS2P
41
615
18.5
15
9.8
10
36x54
20
750
206MPP750KS2P
38
760
19
16
10
10
36x54
30
400
306MPP400KS2P
30
900
24
19
14.5
6
36x54
30
600
306MPP600KS2P
30
900
20.5
17
12
9
36x54
35
500
356MPP500KS2P
27
945
22
18
13
8
36x54


Similar Part No. - 475MPP152KS2P

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
475MPP152KS2P ILLINOISCAPACITOR-475MPP152KS2P Datasheet
167Kb / 2P
High Ripple Current ??Low ESR ??High Reliability
More results

Similar Description - 475MPP152KS2P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
Metallized Polypropylene Film Capacitor
04-Jul-05
logo
EPCOS
B32620 EPCOS-B32620 Datasheet
154Kb / 16P
Metallized Polypropylene Film Capacitors (MKP) Plastic Case
B32682 EPCOS-B32682 Datasheet
176Kb / 19P
Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
logo
Illinois Capacitor, Inc...
105MPR350KP ILLINOISCAPACITOR-105MPR350KP Datasheet
388Kb / 6P
Metallized Polypropylene Motor Run/AC Film Capacitors in Round Tubes
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
Surge Components
C31(P) SURGE-C31(P) Datasheet
195Kb / 3P
Metallized polypropylene film
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
logo
List of Unclassifed Man...
KNB2520 ETC2-KNB2520 Datasheet
123Kb / 2P
Polypropylene film, metallized
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
Metallized Polypropylene Film Capacitors
logo
Panasonic Semiconductor
ECWFE PANASONIC-ECWFE Datasheet
2Mb / 14P
Plastic Film Capacitors Metallized Polypropylene Film Capacitor
31-May-19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com