Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFB0807 Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # RFB0807
Description  Low cost, high current power inductors 2.2 關H to 18 mH inductance range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

RFB0807 Datasheet(HTML) 2 Page - Coilcraft lnc.

  RFB0807 Datasheet HTML 1Page - Coilcraft lnc. RFB0807 Datasheet HTML 2Page - Coilcraft lnc. RFB0807 Datasheet HTML 3Page - Coilcraft lnc. RFB0807 Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 277-2
Document 277-2 Revised 08/06/13
1. When ordering, please specify
termination code:
RFB0807-183L
Termination: L = Tin-silver over tin over copper over steel.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
To order parts packaged in fanfold tape (800 parts per box), add the letter “F” at the end of the
part number.
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/HP 4284A LCR-meter or equivalent.
3. SRF measured using Agilent/HP 4191A or equivalent.
4. DC current at which the inductance drops 10% (typ) from its value without current.
5. Current that causes the specified temperature rise from 25°C ambient.
6. Electrical specifications at 25°C.
PowerInductors–RFB0807Series
DCR
SRF
Irms(A)5
max
typ3
Isat4
20°C
40°C
Part number1
Inductance2
(Ohms) (MHz)
(A)
rise
rise
RFB0807-2R2L
2.2 µH ±20%
0.012
80
6.00
5.00
7.50
RFB0807-2R7L
2.7 µH ±20%
0.014
40
5.50
4.60
6.54
RFB0807-3R3L
3.3 µH ±20%
0.017
40
5.00
4.20
5.97
RFB0807-3R9L
3.9 µH ±20%
0.020
40
4.50
3.70
5.26
RFB0807-4R7L
4.7 µH ±20%
0.024
40
4.20
3.50
4.98
RFB0807-5R6L
5.6 µH ±20%
0.028
40
4.00
3.40
4.83
RFB0807-6R8L
6.8 µH ±20%
0.033
30
3.60
3.20
4.55
RFB0807-8R2L
8.2 µH ±20%
0.035
30
3.30
3.00
4.27
RFB0807-100L
10 µH ±10%
0.040
30
3.10
3.00
4.20
RFB0807-120L
12 µH ±10%
0.050
30
2.80
2.50
3.56
RFB0807-150L
15 µH ±10%
0.065
25
2.50
2.25
3.20
RFB0807-180L
18 µH ±10%
0.078
20
2.30
2.07
2.94
RFB0807-220L
22 µH ±10%
0.100
20
2.10
1.90
2.70
RFB0807-270L
27 µH ±10%
0.110
17
1.90
1.70
2.42
RFB0807-330L
33 µH ±10%
0.120
15
1.70
1.50
2.13
RFB0807-390L
39 µH ±10%
0.160
13
1.60
1.45
2.06
RFB0807-470L
47 µH ±10%
0.190
12
1.45
1.30
1.85
RFB0807-560L
56 µH ±10%
0.210
11
1.30
1.20
1.71
RFB0807-680L
68 µH ±10%
0.280
10
1.20
1.10
1.56
RFB0807-820L
82 µH ±10%
0.330
9
1.10
1.00
1.42
RFB0807-101L
100 µH ±10%
0.400
8
1.00
0.90
1.30
RFB0807-121L
120 µH ±10%
0.450
7
0.90
0.80
1.14
RFB0807-151L
150 µH ±10%
0.510
6
0.80
0.72
1.02
RFB0807-181L
180 µH ±10%
0.700
5
0.70
0.63
0.90
RFB0807-221L
220 µH ±10%
0.800
5
0.65
0.60
0.85
RFB0807-271L
270 µH ±10%
0.900
4.5
0.60
0.55
0.78
RFB0807-331L
330 µH ±10%
1.16
4.5
0.55
0.50
0.71
RFB0807-391L
390 µH ±10%
1.31
3.5
0.45
0.40
0.57
RFB0807-471L
470 µH ±10%
1.75
2.9
0.40
0.36
0.51
RFB0807-561L
560 µH ±10%
1.95
2.7
0.38
0.35
0.50
RFB0807-681L
680 µH ±10%
2.20
2.6
0.35
0.31
0.44
RFB0807-821L
820 µH ±10%
3.00
2.6
0.32
0.29
0.41
RFB0807-102L
1.0 mH ±10%
3.40
2.6
0.30
0.25
0.40
RFB0807-122L
1.2 mH ±10%
4.50
2.3
0.28
0.24
0.34
RFB0807-152L
1.5 mH ±10%
5.20
2.1
0.25
0.21
0.30
RFB0807-182L
1.8 mH ±10%
5.80
1.8
0.22
0.20
0.28
RFB0807-222L
2.2 mH ±10%
8.00
1.5
0.20
0.18
0.26
RFB0807-272L
2.7 mH ±10%
8.90
1.2
0.18
0.17
0.24
RFB0807-332L
3.3 mH ±10% 11.8
1.1
0.15
0.14
0.19
RFB0807-392L
3.9 mH ±10% 13.1
1.0
0.12
0.11
0.16
RFB0807-472L
4.7 mH ±10% 17.6
1.0
0.10
0.10
0.15
RFB0807-562L
5.6 mH ±10% 19.6
0.9
0.10
0.10
0.15
RFB0807-682L
6.8 mH ±10% 27
0.8
0.10
0.10
0.14
RFB0807-822L
8.2 mH ±10% 30
0.7
0.10
0.10
0.14
RFB0807-103L
10 mH ±10%
34
0.7
0.10
0.10
0.13
RFB0807-123L
12 mH ±10%
46
0.6
0.08
0.10
0.13
RFB0807-153L
15 mH ±10%
53
0.5
0.06
0.08
0.11
RFB0807-183L
18 mH ±10%
56
0.5
0.05
0.08
0.10
Typical L vs Current
Typical L vs Frequency
1
10
100
1000
10000
100000
0.01
0.1
10
1
Current (A)
10000 µH
1000 µH
100 µH
10 µH
1
10
100
1000
10000
100000
0.01
0.1
10
1
10000 µH
1000 µH
100 µH
10 µH
Frequency (MHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com