Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLD2425 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # DLD2425
Description  Control Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DLD2425 Datasheet(HTML) 2 Page - Crydom Inc.,

  DLD2425 Datasheet HTML 1Page - Crydom Inc., DLD2425 Datasheet HTML 2Page - Crydom Inc., DLD2425 Datasheet HTML 3Page - Crydom Inc., DLD2425 Datasheet HTML 4Page - Crydom Inc., DLD2425 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 V DC)
1010 Ohm
Ambient Operating Temperature Range
-30 to 80°C
Ambient Storage Temperature Range
-40 to 125°C
Weight (typical)
3.0 oz. (43g)
Encapsulation
Themally Conductive Epoxy
Terminals
Screws and saddle Clamps
Furnished, Unmounted
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
2) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
3) Heat sinking required, see derating curves.
4) Timing Resist or may be as high as 10M Ohm wit h performance dependent on resistor quality
5) Before and after time-out.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com