Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331M5 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331M5
Description  LMV331-N Single LMV393-N Dual LMV339-N Quad General Purpose, Low Voltage, Tiny
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV331M5 Datasheet(HTML) 4 Page - Texas Instruments

  LMV331M5 Datasheet HTML 1Page - Texas Instruments LMV331M5 Datasheet HTML 2Page - Texas Instruments LMV331M5 Datasheet HTML 3Page - Texas Instruments LMV331M5 Datasheet HTML 4Page - Texas Instruments LMV331M5 Datasheet HTML 5Page - Texas Instruments LMV331M5 Datasheet HTML 6Page - Texas Instruments LMV331M5 Datasheet HTML 7Page - Texas Instruments LMV331M5 Datasheet HTML 8Page - Texas Instruments LMV331M5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LMV331-N, LMV339-N, LMV393-N
SNOS018G – AUGUST 1999 – REVISED FEBRUARY 2013
www.ti.com
2.7V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 2.7V, V− = 0V. Boldface limits apply at the temperature
extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
VCM
Input Voltage Range
−0.1
V
2.0
V
VSAT
Saturation Voltage
ISINK ≤ 1 mA
120
mV
IO
Output Sink Current
VO ≤ 1.5V
5
23
mA
IS
Supply Current
LMV331-N
40
100
µA
LMV393-N
70
140
µA
Both Comparators
LMV339-N
140
200
µA
All four Comparators
Output Leakage Current
.003
1
µA
2.7V AC Electrical Characteristics
TJ = 25°C, V
+ = 2.7V, R
L = 5.1 kΩ, V
− = 0V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
tPHL
Propagation Delay (High to Low)
Input Overdrive = 10 mV
1000
ns
Input Overdrive = 100 mV
350
ns
tPLH
Propagation Delay (Low to High)
Input Overdrive = 10 mV
500
ns
Input Overdrive = 100 mV
400
ns
(1)
All limits are guaranteed by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 5V, V− = 0V. Boldface limits apply at the temperature
extremes.
Symbol
Parameter
Conditions
Min
Typ
max
Units
(1)
(2)
(1)
VOS
Input Offset Voltage
1.7
7
mV
9
TCVOS
Input Offset Voltage Average Drift
5
µV/°C
IB
Input Bias Current
25
250
nA
400
IOS
Input Offset Current
2
50
nA
150
VCM
Input Voltage Range
−0.1
V
4.2
V
AV
Voltage Gain
20
50
V/mV
Vsat
Saturation Voltage
ISINK ≤ 4 mA
200
400
mV
700
IO
Output Sink Current
VO ≤ 1.5V
84
10
mA
(1)
All limits are guaranteed by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMV331-N LMV339-N LMV393-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com