Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331M5X Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331M5X
Description  LMV331-N Single LMV393-N Dual LMV339-N Quad General Purpose, Low Voltage, Tiny
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV331M5X Datasheet(HTML) 1 Page - Texas Instruments

  LMV331M5X Datasheet HTML 1Page - Texas Instruments LMV331M5X Datasheet HTML 2Page - Texas Instruments LMV331M5X Datasheet HTML 3Page - Texas Instruments LMV331M5X Datasheet HTML 4Page - Texas Instruments LMV331M5X Datasheet HTML 5Page - Texas Instruments LMV331M5X Datasheet HTML 6Page - Texas Instruments LMV331M5X Datasheet HTML 7Page - Texas Instruments LMV331M5X Datasheet HTML 8Page - Texas Instruments LMV331M5X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LMV331-N, LMV339-N, LMV393-N
www.ti.com
SNOS018G – AUGUST 1999 – REVISED FEBRUARY 2013
LMV331-N Single / LMV393-N Dual / LMV339-N Quad General Purpose, Low Voltage, Tiny
Pack Comparators
Check for Samples: LMV331-N, LMV339-N, LMV393-N
1
FEATURES
DESCRIPTION
The LMV393-N and LMV339-N are low voltage (2.7-
2
•
(For 5V Supply, Typical Unless Otherwise
5V) versions of the dual and quad comparators,
Noted)
LM393/339, which are specified at 5-30V. The
•
Guaranteed 2.7V and 5V Performance
LMV331-N is the single version, which is available in
•
Industrial Temperature Range
−40°C to +85°C
space saving 5-pin SC70 and 5-pin SOT23 packages.
The 5-pin SC70 is approximately half the size of the
•
Low Supply Current 60 µA/Channel
5-pin SOT23.
•
Input Common Mode Voltage Range Includes
The LMV393-N is available in 8-pin SOIC and
Ground
VSSOP. The LMV339-N is available in 14-pin SOIC
•
Low Output Saturation Voltage 200 mV
and TSSOP.
•
Propagation Delay 200 ns
The
LMV331-N/393-N/339-N
is
the
most
cost-
•
Space Saving 5-pin SC70 and 5-Pin SOT23
effective solution where space, low voltage, low
Packages
power and price are the primary specification in
circuit design for portable consumer products. They
APPLICATIONS
offer specifications that meet or exceed the familiar
LM393/339 at a fraction of the supply current.
•
Mobile Communications
The chips are built with TI's advanced Submicron
•
Notebooks and PDA's
Silicon-Gate BiCMOS process. The LMV331-N/393-
•
Battery Powered Electronics
N/339-N have bipolar input and output stages for
•
General Purpose Portable Device
improved noise performance.
•
General Purpose Low Voltage Applications
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV331M5X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV331M5X NSC-LMV331M5X Datasheet
480Kb / 21P
General Purpose, Low Voltage, TinyPack Comparators
LMV331M5X NSC-LMV331M5X Datasheet
504Kb / 20P
General Purpose, Low Voltage, Tiny Pack Comparators
logo
Texas Instruments
LMV331M5X TI1-LMV331M5X Datasheet
483Kb / 22P
Quad General Purpose, Low Voltage, Tiny Pack Comparators
LMV331M5X TI-LMV331M5X Datasheet
1Mb / 32P
LMV331-N Single / LMV393-N Dual / LMV339-N Quad General Purpose, Low Voltage, Tiny Pack Comparators
LMV331M5X TI1-LMV331M5X Datasheet
1Mb / 38P
General-Purpose, Low-Voltage, Tiny Pack Comparators
More results

Similar Description - LMV331M5X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331 Datasheet
387Kb / 12P
General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 2; 1/02
LMX331 MAXIM-LMX331_11 Datasheet
190Kb / 9P
General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 4; 5/11
logo
Texas Instruments
LMV331 TI1-LMV331 Datasheet
483Kb / 22P
Quad General Purpose, Low Voltage, Tiny Pack Comparators
logo
Maxim Integrated Produc...
MAX9092 MAXIM-MAX9092 Datasheet
1Mb / 11P
General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Rev 0; 7/12
logo
Texas Instruments
LMV393M TI-LMV393M Datasheet
1Mb / 32P
LMV331-N Single / LMV393-N Dual / LMV339-N Quad General Purpose, Low Voltage, Tiny Pack Comparators
LMV821-N TI1-LMV821-N Datasheet
2Mb / 37P
LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
LPV324M TI1-LPV324M Datasheet
1Mb / 28P
LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power,
LPV358M TI1-LPV358M Datasheet
1Mb / 28P
LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power,
LMV331-N TI1-LMV331-N Datasheet
1Mb / 33P
LMV331-N Single / LMV393-N Dual / LMV339-N Quad General Purpose, Low Voltage, Tiny
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com