Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT11032DBLE Datasheet(PDF) 4 Page - Texas Instruments

Part # 74ACT11032DBLE
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT11032DBLE Datasheet(HTML) 4 Page - Texas Instruments

  74ACT11032DBLE Datasheet HTML 1Page - Texas Instruments 74ACT11032DBLE Datasheet HTML 2Page - Texas Instruments 74ACT11032DBLE Datasheet HTML 3Page - Texas Instruments 74ACT11032DBLE Datasheet HTML 4Page - Texas Instruments 74ACT11032DBLE Datasheet HTML 5Page - Texas Instruments 74ACT11032DBLE Datasheet HTML 6Page - Texas Instruments 74ACT11032DBLE Datasheet HTML 7Page - Texas Instruments 74ACT11032DBLE Datasheet HTML 8Page - Texas Instruments 74ACT11032DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
74ACT11032
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SCAS008C – JULY 1987 – REVISED APRIL 1996
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
LOAD CIRCUIT
From Output
Under Test
CL = 50 pF
(see Note A)
500
Ω
tPLH
tPHL
1.5 V
1.5 V
3 V
0 V
50% VCC
50% VCC
VOH
VOL
Input
(see Note B)
Output
VOLTAGE WAVEFORMS
NOTES: A. CL includes probe and jig capacitance.
B. Input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 3 ns,
tf = 3 ns.
C. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com