Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26LS32MJ/883 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS26LS32MJ/883
Description  DS26LS32MQML Quad Differential Line Receivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS26LS32MJ/883 Datasheet(HTML) 1 Page - Texas Instruments

  DS26LS32MJ/883 Datasheet HTML 1Page - Texas Instruments DS26LS32MJ/883 Datasheet HTML 2Page - Texas Instruments DS26LS32MJ/883 Datasheet HTML 3Page - Texas Instruments DS26LS32MJ/883 Datasheet HTML 4Page - Texas Instruments DS26LS32MJ/883 Datasheet HTML 5Page - Texas Instruments DS26LS32MJ/883 Datasheet HTML 6Page - Texas Instruments DS26LS32MJ/883 Datasheet HTML 7Page - Texas Instruments DS26LS32MJ/883 Datasheet HTML 8Page - Texas Instruments DS26LS32MJ/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DS26LS32MQML
www.ti.com
SNOSAM6B – OCTOBER 2005 – REVISED APRIL 2013
DS26LS32MQML Quad Differential Line Receivers
Check for Samples: DS26LS32MQML
1
FEATURES
DESCRIPTION
The DS26LS32 and DS26LS32A are quad differential
2
•
High Differential or Common-Mode Input
line receivers designed to meet the RS-422, RS-423
Voltage Ranges of ±7V on the DS26LS32.
and Federal Standards 1020 and 1030 for balanced
•
±0.2V Sensitivity Over the Input Voltage Range
and unbalanced digital data transmission.
on the DS26LS32.
The DS26LS32 and DS26LS32A have an input
•
DS26LS32 Meet All Requirements of RS-422
sensitivity of 200 mV over the input voltage range of
and RS-423
±7V. The DS26LS33 has an input sensitivity of
•
6k Minimum Input Impedance
500 mV over the input voltage range of ±15V.
•
100 mV Input Hysteresis on the DS26LS32
The DS26LS32A differs in function from the popular
•
Operation From a single 5V Supply
DS26LS32 and DS26LS33 in that input pull-up and
pull-down resistors are included which prevent output
•
TRI-STATE Outputs, with Choice of
oscillation on unused channels.
Complementary Output Enables for Receiving
Directly onto a Data Bus
Each version provides an enable and disable function
common to all four receivers and features TRI-STATE
outputs with 8 mA sink capability. Constructed using
low power Schottky processing, these devices are
available over the full military and commercial
operating temperature ranges.
Logic Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS26LS32MJ/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26LS32MJ/883 NSC-DS26LS32MJ/883 Datasheet
201Kb / 8P
Quad Differential Line Receivers
DS26LS32MJ/883 NSC-DS26LS32MJ/883 Datasheet
140Kb / 6P
Quad Differential Line Receivers
More results

Similar Description - DS26LS32MJ/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
Quad Differential Line Receivers
DS26LS32AC NSC-DS26LS32AC Datasheet
201Kb / 8P
Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI-MC3450 Datasheet
139Kb / 9P
QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
Quad Differential Line Receivers
logo
Texas Instruments
DS26LS32MQML TI1-DS26LS32MQML Datasheet
605Kb / 12P
DS26LS32MQML Quad Differential Line Receivers
DS26F32MQML TI1-DS26F32MQML_16 Datasheet
435Kb / 15P
DS26F32MQML Quad Differential Line Receivers
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
QUAD DIFFERENTIAL LINE RECEIVERS
logo
Renesas Technology Corp
HS-26C32RH RENESAS-HS-26C32RH Datasheet
411Kb / 9P
Radiation Hardened Quad Differential Line Receivers
Oct 21, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com