Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS72011DRVT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72011DRVT
Description  350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72011DRVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS72011DRVT Datasheet HTML 15Page - Texas Instruments TPS72011DRVT Datasheet HTML 16Page - Texas Instruments TPS72011DRVT Datasheet HTML 17Page - Texas Instruments TPS72011DRVT Datasheet HTML 18Page - Texas Instruments TPS72011DRVT Datasheet HTML 19Page - Texas Instruments TPS72011DRVT Datasheet HTML 20Page - Texas Instruments TPS72011DRVT Datasheet HTML 21Page - Texas Instruments TPS72011DRVT Datasheet HTML 22Page - Texas Instruments TPS72011DRVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS72012YZUR
DSBGA
YZU
5
3000
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS72012YZUT
DSBGA
YZU
5
250
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS72013YZUR
DSBGA
YZU
5
3000
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS72013YZUT
DSBGA
YZU
5
250
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS72015DRVR
SON
DRV
6
3000
180.0
8.4
2.3
2.3
1.15
4.0
8.0
Q2
TPS72015DRVR
SON
DRV
6
3000
179.0
8.4
2.2
2.2
1.2
4.0
8.0
Q2
TPS72015DRVT
SON
DRV
6
250
180.0
8.4
2.3
2.3
1.15
4.0
8.0
Q2
TPS72015DRVT
SON
DRV
6
250
179.0
8.4
2.2
2.2
1.2
4.0
8.0
Q2
TPS72015YZUR
DSBGA
YZU
5
3000
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS72015YZUT
DSBGA
YZU
5
250
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS72017YZUR
DSBGA
YZU
5
3000
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS72017YZUT
DSBGA
YZU
5
250
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS72018DRVR
SON
DRV
6
3000
179.0
8.4
2.2
2.2
1.2
4.0
8.0
Q2
TPS72018DRVT
SON
DRV
6
250
179.0
8.4
2.2
2.2
1.2
4.0
8.0
Q2
TPS72018YZUR
DSBGA
YZU
5
3000
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS72018YZUT
DSBGA
YZU
5
250
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TPS72009YZUR
DSBGA
YZU
5
3000
182.0
182.0
17.0
PACKAGE MATERIALS INFORMATION
www.ti.com
7-Sep-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com