Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1606IPAPT Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1606IPAPT
Description  16-Bit, 5MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1606IPAPT Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS1606IPAPT Datasheet HTML 23Page - Texas Instruments ADS1606IPAPT Datasheet HTML 24Page - Texas Instruments ADS1606IPAPT Datasheet HTML 25Page - Texas Instruments ADS1606IPAPT Datasheet HTML 26Page - Texas Instruments ADS1606IPAPT Datasheet HTML 27Page - Texas Instruments ADS1606IPAPT Datasheet HTML 28Page - Texas Instruments ADS1606IPAPT Datasheet HTML 29Page - Texas Instruments ADS1606IPAPT Datasheet HTML 30Page - Texas Instruments ADS1606IPAPT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
ADS1605
ADS1606
SBAS274H − MARCH 2003 − REVISED MAY 2007
www.ti.com
27
2X MODE
The 2XMODE digital input determines the performance
(16-bit or 14-bit) by setting the oversampling ratio.
When 2XMODE = low, the oversampling ratio = 8 for
16-bit performance. When 2XMODE = high, the over-
sampling ratio = 4 for 14-bit performance. Note that
when 2XMODE is high, all 16 bits of DOUT remain ac-
tive. Decreasing the oversampling ratio from 8 to 4
doubles the data rate in 2X mode. For fCLK = 40MHz,
the data rate then becomes 10MSPS. In addition, the
group delay decreases to 0.9
µs and the settling time be-
comes 1.3
µs or 13 DRDY cycles. With the reduced
oversampling in 2X mode, the noise increases. Typical
SNR performance degrades by 14dB. THD remains
approximately the same. There is an internal pull-down
resistor of 170k
Ω on the 2XMODE; however, it is rec-
ommended this pin be forced either high or low. For
more information on the performance of the 2X mode,
see application note Operating the ADS1605 and
ADS1606 in 2X Mode: 10MSPS (SLAA180), available
for download at www.ti.com.
LAYOUT ISSUES
The ADS1605/6 is a very high-speed, high-resolution
data converter. In order to achieve the maximum perfor-
mance, careful attention must be given to the printed
circuit board (PCB) layout. Use good high-speed tech-
niques for all circuitry. Critical capacitors should be
placed close to pins as possible. These include capaci-
tors directly connected to the analog and reference in-
puts and the power supplies. Make sure to also properly
bypass all circuitry driving the inputs and references.
Two approaches can be used for the ground planes: ei-
ther a single common plane; or two separate planes,
one for the analog grounds and one for the digital
grounds. When using only one common plane, isolate
the flow of current on pin 57 from pin 1; use breaks on
the ground plane to accomplish this. Pin 57 carries the
switching current from the analog clocking for the mod-
ulator and can corrupt the quiet analog ground on pin 1.
When using two planes, it is recommended that they be
tied together right at the PCB. Do not try to connect the
ground planes together after running separately
through edge connectors or cables as this reduces per-
formance and increases the likelihood of latchup.
In general, keep the resistances used in the driving cir-
cuits for the inputs and reference low to prevent excess
thermal noise from degrading overall performance.
Avoid having the ADS1605/6 digital outputs drive heavy
loads. Buffers on the outputs are recommended unless
the ADS1605/6 is connected directly to a DSP or con-
troller situated nearby. Additionally, make sure the digi-
tal inputs are driven with clean signals as ringing on the
inputs can introduce noise.
The ADS1605/6 uses TI PowerPAD technology. The
PowerPAD is physically connected to the substrate of
the silicon inside the package and must be soldered to
the analog ground plane on the PCB using the exposed
metal pad underneath the package for proper heat
dissipation.
Please
refer
to
application
report
SLMA002, located at www.ti.com, for more details on
the PowerPAD package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com