Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCJ Datasheet(PDF) 12 Page - Texas Instruments

Part # ADC0804LCJ
Description  8-Bit muP Compatible A/D Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC0804LCJ Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADC0804LCJ Datasheet HTML 8Page - Texas Instruments ADC0804LCJ Datasheet HTML 9Page - Texas Instruments ADC0804LCJ Datasheet HTML 10Page - Texas Instruments ADC0804LCJ Datasheet HTML 11Page - Texas Instruments ADC0804LCJ Datasheet HTML 12Page - Texas Instruments ADC0804LCJ Datasheet HTML 13Page - Texas Instruments ADC0804LCJ Datasheet HTML 14Page - Texas Instruments ADC0804LCJ Datasheet HTML 15Page - Texas Instruments ADC0804LCJ Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
ADC0801, ADC0802
ADC0803, ADC0804, ADC0805
SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013
www.ti.com
TYPICAL APPLICATIONS (continued)
*See Figure 48 to select R value DB7 = “1” for VIN(+)>VIN(−)+(VREF/2). Omit circuitry within the dotted area if
hysteresis is not needed.
Figure 27. µP Compatible Differential-Input Comparator with Pre-Set VOS (with or without Hysteresis)
*Beckman Instruments #694-3-R10K resistor array
Figure 28. Handling ±10V Analog Inputs
Figure 29. Low-Cost, µP Interfaced, Temperature-to-Digital
Converter
*Circuit values shown are for 0°C
≤ TA ≤ +128°C
**Can calibrate each sensor to allow easy replacement, then A/D can be calibrated with a pre-set input voltage.
Figure 30. µP Interfaced Temperature-to-Digital Converter
12
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com