Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCWMX/NOPB Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # ADC0804LCWMX/NOPB
Description  8-Bit muP Compatible A/D Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC0804LCWMX/NOPB Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADC0804LCWMX/NOPB Datasheet HTML 30Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 31Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 32Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 33Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 34Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 35Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 36Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 37Page - Texas Instruments ADC0804LCWMX/NOPB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
ADC0801, ADC0802
ADC0803, ADC0804, ADC0805
SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013
www.ti.com
SAMPLE PROGRAM FOR Figure 60 ADC0801–MC6820 PIA INTERFACE
The following schematic and sample subroutine (DATA IN) may be used to interface (up to) 8 ADC0801’s directly
to the MC6800 CPU. This scheme can easily be extended to allow the interface of more converters. In this
configuration the converters are (arbitrarily) located at HEX address 5000 in the MC6800 memory space. To
save components, the clock signal is derived from just one RC pair on the first converter. This output drives the
other A/Ds.
All the converters are started simultaneously with a STORE instruction at HEX address 5000. Note that any other
HEX address of the form 5XXX will be decoded by the circuit, pulling all the CS inputs low. This can easily be
avoided by using a more definitive address decoding scheme. All the interrupts are ORed together to insure that
all A/Ds have completed their conversion before the microprocessor is interrupted.
The subroutine, DATA IN, may be called from anywhere in the user’s program. Once called, this routine
initializes the CPU, starts all the converters simultaneously and waits for the interrupt signal. Upon receiving the
interrupt, it reads the converters (from HEX addresses 5000 through 5007) and stores the data successively at
(arbitrarily chosen) HEX addresses 0200 to 0207, before returning to the user’s pro- gram. All CPU registers then
recover the original data they had before servicing DATA IN.
Auto-Zeroed Differential Transducer Amplifier and A/D Converter
The differential inputs of the ADC0801 series eliminate the need to perform a differential to single ended
conversion for a differential transducer. Thus, one op amp can be eliminated since the differential to single ended
conversion is provided by the differential input of the ADC0801 series. In general, a transducer preamp is
required to take advantage of the full A/D converter input dynamic range.
34
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com