Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z655DBT-R1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z655DBT-R1
Description  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z655DBT-R1 Datasheet(HTML) 1 Page - Texas Instruments

  BQ20Z655DBT-R1 Datasheet HTML 1Page - Texas Instruments BQ20Z655DBT-R1 Datasheet HTML 2Page - Texas Instruments BQ20Z655DBT-R1 Datasheet HTML 3Page - Texas Instruments BQ20Z655DBT-R1 Datasheet HTML 4Page - Texas Instruments BQ20Z655DBT-R1 Datasheet HTML 5Page - Texas Instruments BQ20Z655DBT-R1 Datasheet HTML 6Page - Texas Instruments BQ20Z655DBT-R1 Datasheet HTML 7Page - Texas Instruments BQ20Z655DBT-R1 Datasheet HTML 8Page - Texas Instruments BQ20Z655DBT-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
bq20z655-R1
www.ti.com
SLUSAN9
– AUGUST 2011
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION
ENABLED WITH IMPEDANCE TRACK
™
Check for Samples: bq20z655-R1
1
FEATURES
APPLICATIONS
2
•
Next Generation Patented Impedance Track
™
•
Medical and Test Equipment
Technology Accurately Measures Available
•
Portable Instrumentation
Charge in Li-Ion and Li-Polymer Batteries
•
Rechargeable Battery Packs
– Better Than 1% Error Over the Lifetime of
•
Industrial Equipment
the Battery
•
Supports the Smart Battery Specification
DESCRIPTION
SBS V1.1
The bq20z655-R1 SBS-compliant gas gauge and
•
Flexible Configuration for 2-Series to 4-Series
protection IC, incorporating patented Impedance
Track
™ technology, is a single IC solution designed
Li-Ion and Li-Polymer Cells
for
battery-pack
or
in-system
installation.
The
•
Powerful 8-Bit RISC CPU with Ultralow Power
bq20z655-R1 measures and maintains an accurate
Modes
record of available charge in Li-ion or Li-polymer
•
Charge Enable (CE) Affects the Normal
batteries
using
its
integrated
high-performance
Operation on the Charge FET when the Battery
analog
peripherals.
The
bq20z655-R1
monitors
Is in Charge/Relax Mode
capacity change, battery impedance, open-circuit
voltage, and other critical parameters of the battery
•
Full Array of Programmable Protection
pack which reports the information to the system host
Features
controller over a serial-communication bus. Together
– Voltage, Current, and Temperature
with
the
integrated
analog
front-end
(AFE)
•
Satisfies JEITA Guidelines
short-circuit
and
overload
protection,
the
bq20z655-R1 maximizes functionality and safety
•
Added Flexibility to Handle More Complex
while minimizing external component count, cost, and
Charging Profiles
size in smart battery circuits.
•
Lifetime Data Logging
The implemented Impedance Track
™ gas gauging
•
Drives 3, 4, or 5 Segment Liquid Crystal
technology
continuously
analyzes
the
battery
Display and LED for Battery-Pack Conditions
impedance,
resulting
in
superior
gas-gauging
•
Supports SHA-1 Authentication
accuracy. This enables remaining capacity to be
calculated with discharge rate, temperature, and cell
•
Complete Battery Protection and Gas Gauge
aging all accounted for during each stage of every
Solution in One Package
cycle with high accuracy.
•
Available in a 44-Pin TSSOP (DBT) Package
Table 1. AVAILABLE OPTIONS
PACKAGE(1)
TA
44-PIN TSSOP (DBT) Tube
44-PIN TSSOP (DBT) Tape and Reel
–40°C to 85°C
bq20z655-R1DBT(2)
bq20z655-R1DBTR(3)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
A single tube quantity is 40 units.
(3)
A single reel quantity is 2000 units.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Impedance Track is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ20Z655DBT-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z655DBT TI1-BQ20Z655DBT Datasheet
323Kb / 23P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z655DBTR TI1-BQ20Z655DBTR Datasheet
323Kb / 23P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
More results

Similar Description - BQ20Z655DBT-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ3060 TI-BQ3060 Datasheet
218Kb / 17P
SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION with CEDV
BQ20Z655-R1 TI1-BQ20Z655-R1 Datasheet
644Kb / 25P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z75 TI1-BQ20Z75_14 Datasheet
721Kb / 23P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC
BQ20Z95 TI1-BQ20Z95_14 Datasheet
603Kb / 21P
SBS 1.1-COMPLIANT GAS GAUGE
BQ34Z651 TI1-BQ34Z651_15 Datasheet
888Kb / 29P
SBS 1.1-Compliant Gas Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com