Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC4017F Datasheet(PDF) 1 Page - Texas Instruments

Part # CD54HC4017F
Description  DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4017F Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC4017F Datasheet HTML 1Page - Texas Instruments CD54HC4017F Datasheet HTML 2Page - Texas Instruments CD54HC4017F Datasheet HTML 3Page - Texas Instruments CD54HC4017F Datasheet HTML 4Page - Texas Instruments CD54HC4017F Datasheet HTML 5Page - Texas Instruments CD54HC4017F Datasheet HTML 6Page - Texas Instruments CD54HC4017F Datasheet HTML 7Page - Texas Instruments CD54HC4017F Datasheet HTML 8Page - Texas Instruments CD54HC4017F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CD54HC4017
DECADE COUNTER/DIVIDER
WITH TEN DECODED OUTPUTS
SGDS011 – MAY 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 2-V to 6-V Operation
D Fully Static Operation
D Buffered Inputs
D Common Reset
D Positive-Edge Clocking
D Balanced Propagation Delay and Transition
Times
D High Noise Immunity: NIL = 30%, NIH = 30%
of VCC at VCC = 5 V
D Packaged in Ceramic (F) DIP Package and
Also Available in Chip Form (H)
description
The CD54HC4017 is a high-speed silicon-gate CMOS 5-stage Johnson counter with ten decoded outputs. Each
decoded output normally is low and sequentially goes high on the low-to-high transition of the clock (CP) input.
Each output stays high for one clock period of the ten-clock-period cycle. The terminal count (TC) output
transitions low to high after output ten (9) goes low, and can be used in conjunction with the clock enable (CE)
input to cascade several stages. CE disables counting when in the high state. The master reset (MR) input, when
taken high, sets all the decoded outputs, except 0, to low.
The CD54HC4017 is characterized for operation over the full military temperature range of –55
°C to 125°C.
FUNCTION TABLE
INPUTS
OUTPUT STATE†
CP
CE
MR
OUTPUT STATE†
L
X
L
No change
X
H
L
No change
X
XH
0 = H
1–9 = L
↑
L
L
Increments counter
↓
X
L
No change
X
↑
L
No change
H
↓
L
Increments counter
† If n < 5, TC = H; otherwise, TC = L.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
5
1
0
2
6
7
3
GND
VCC
MR
CP
CE
TC
9
4
8
F PACKAGE
(TOP VIEW)


Similar Part No. - CD54HC4017F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4017F3A TI-CD54HC4017F3A Datasheet
347Kb / 14P
High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD54HC4017F3A TI-CD54HC4017F3A Datasheet
497Kb / 16P
High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD54HC4017F3A TI-CD54HC4017F3A Datasheet
528Kb / 16P
High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD54HC4017F3A TI2-CD54HC4017F3A Datasheet
275Kb / 12P
DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
MAY 1999
CD54HC4017F3A TI2-CD54HC4017F3A Datasheet
738Kb / 22P
High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
Revised October 2003
More results

Similar Description - CD54HC4017F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Texas Instruments
CD54HCT4017 TI-CD54HCT4017 Datasheet
122Kb / 9P
DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
STMicroelectronics
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
377Kb / 11P
DECADE COUNTER WITH 10 DECODED OUTPUTS
Sep-2001
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
Decade Counter/Divider with 10 Decoded Outputs
logo
Micro Electronics
MMC4017 MICRO-ELECTRONICS-MMC4017 Datasheet
160Kb / 6P
COUNTER/ DIVIDERS : 4017 DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Texas Instruments
CD74HC4017-EP TI1-CD74HC4017-EP Datasheet
618Kb / 15P
HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
CD54HCT4017 TI1-CD54HCT4017_05 Datasheet
213Kb / 11P
DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com