Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVD110AVF Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVD110AVF
Description  PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCLVD110AVF Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCLVD110AVF Datasheet HTML 3Page - Texas Instruments CDCLVD110AVF Datasheet HTML 4Page - Texas Instruments CDCLVD110AVF Datasheet HTML 5Page - Texas Instruments CDCLVD110AVF Datasheet HTML 6Page - Texas Instruments CDCLVD110AVF Datasheet HTML 7Page - Texas Instruments CDCLVD110AVF Datasheet HTML 8Page - Texas Instruments CDCLVD110AVF Datasheet HTML 9Page - Texas Instruments CDCLVD110AVF Datasheet HTML 10Page - Texas Instruments CDCLVD110AVF Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CDCLVD110A
www.ti.com
SCAS841C – FEBRUARY 2007 – REVISED NOVEMBER 2009
APPLICATION INFORMATION
Fall-Safe Information
For VDD = 0 V (power-down mode) the CDCLVD110A has fail-safe input and output pins. In power-on mode,
fail-safe biasing at input pins can be accomplished with a 10-k
Ω pullup resistor from CLK0/CLK1 to VDD and a
10-k
Ω pulldown resistor from CLK0/CLK1 to GND.
LVDS Receiver Input Termination
The LVDS receiver inputs require 100-
Ω termination resistors placed as close as possible across the input pins.
Control Inputs Termination
No external termination is required. The CK control input has an internal 120-k
Ω pullup resistor, while the SI–
and EN–control inputs each have an internal 120-k
Ω pulldown resistor. If the control pins are left open per the
default, all outputs are enabled, CLK0, CLK0 is selected, and the control register is disabled.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CDCLVD110A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com