Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC80P Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC80P
Description  Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC80P Datasheet(HTML) 2 Page - Texas Instruments

  DAC80P Datasheet HTML 1Page - Texas Instruments DAC80P Datasheet HTML 2Page - Texas Instruments DAC80P Datasheet HTML 3Page - Texas Instruments DAC80P Datasheet HTML 4Page - Texas Instruments DAC80P Datasheet HTML 5Page - Texas Instruments DAC80P Datasheet HTML 6Page - Texas Instruments DAC80P Datasheet HTML 7Page - Texas Instruments DAC80P Datasheet HTML 8Page - Texas Instruments DAC80P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
®
DAC80/80P
DAC80
PARAMETER
MIN
TYP
MAX
UNITS
DIGITAL INPUT
Resolution
12
Bits
Logic Levels (0
°C to +70°C)(1):
VIH (Logic “1”)
+2
+16.5
VDC
VIL (Logic “0”)
0
+0.8
VDC
IIH (VIN = +2.4V)
+20
µA
IIL (VIN = +0.4V)
–180
µA
ACCURACY (at +25
°C)
Linearity Error
±1/4
±1/2
LSB
Differential Linearity Error
±1/2
±3/4
LSB
Gain Error(2)
±0.1
±0.3
%
Offset Error(2)
±0.05
±0.15
% of FSR(3)
DRIFT (0
°C to +70°C)(4)
Total Bipolar Drift (includes gain, offset, and linearity drifts)
±10
±25
ppm of FSR/
°C
Total Error Over 0
°C to +70°C(5)
Unipolar
±0.06
±0.15
% of FSR
Bipolar
±0.06
±0.12
% of FSR
Gain: Including Internal Reference
±10
±30
ppm/
°C
Excluding Internal Reference
±5
±10
ppm/
°C
Unipolar Offset
±1
±3
ppm of FSR/
°C
Bipolar Offset
±7
±15
ppm of FSR/
°C
Differential Linearity 0
°C to +70°C
±1/2
±3/4
LSB
Linearity Error 0
°C to +70°C
±1/4
±1/2
LSB
Monotonicity Guaranteed
0
+70
°C
CONVERSION SPEED, VOUT Models
Settling Time to
±0.01% of FSR
For FSR Change (2k
Ω || 500pF Load)
with 10k
Ω Feedback
34
µs
with 5k
Ω Feedback
23
µs
For 1LSB Change
1
µs
Slew Rate
10
V/
µs
CONVERSION SPEED, IOUT Models
Settling Time to
±0.01% of FSR
For FSR change: 10
Ω to 100Ω Load
300
ns
1k
Ω Load
1
µs
ANALOG OUTPUT, VOUT Models
Ranges
V
Output Current(6)
±5mA
Output Impedance (DC)
0.05
Ω
Short Circuit to Common, Duration(7)
Indefinite
ANALOG OUTPUT, IOUT Models
Ranges: Bipolar
±0.96
±1.0
±1.04
mA
Unipolar
–1.96
–2.0
–2.04
mA
Output Impendance: Bipolar
2.6
3.2
3.7
k
Ω
Unipolar
4.6
6.6
8.6
k
Ω
Compliance
–2.5
+2.5
V
REFERENCE VOLTAGE OUTPUT
+6.23
+6.30
+6.37
V
External Current (constant load)
2.5
mA
Drift vs Temperature
±10
±20
ppm/
°C
Output Impedance
1
Ω
POWER SUPPLY SENSITIVITY
VCC = ±12VDC or ±15VDC
±0.002
±0.006
% FSR/ % VCC
POWER SUPPLY REQUIREMENTS
±V
CC
±11.4
±16.5
VDC
Supply Drain (no load): +VCC
812
mA
–VCC
15
20
mA
Power Dissipation (VCC = ±15VDC)
345
480
mW
TEMPERATURE RANGE
Specification
0
+70
°C
Operating
–25
+85
°C
Storage: Plastic DIP
–60
+100
°C
Ceramic DIP
–65
+150
°C
SPECIFICATIONS
ELECTRICAL
Typical at +25
°C and ±V
CC = 12V or 15V unless otherwise noted.
NOTES: (1) Refer to “Logic Input Compatibility” section. (2) Adjustable to zero with external trim potentiometer. (3) FSR means full scale range and is 20V for
±10V range,
10V for
±5V range for V
OUT models; 2mA for IOUT models. (4) To maintain drift spec, internal feedback resistors must be used. (5) Includes the effects of gain, offset
and linearity drift. Gain and offset errors externally adjusted to zero at +25
°C. (6) For ±V
CC less than ±12VDC, limit output current load to ±2.5mA to maintain ±10V full
scale output voltage swing. For output range of
±5V or less, the output current is ±5mA over entire ±V
CC range. (7) Short circuit current is 40mA, max.
±2.5, ±5, ±10, +5, +10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com