Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C032TM/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C032TM/NOPB
Description  DS90C032 LVDS Quad CMOS Differential Line Receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90C032TM/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS90C032TM/NOPB Datasheet HTML 5Page - Texas Instruments DS90C032TM/NOPB Datasheet HTML 6Page - Texas Instruments DS90C032TM/NOPB Datasheet HTML 7Page - Texas Instruments DS90C032TM/NOPB Datasheet HTML 8Page - Texas Instruments DS90C032TM/NOPB Datasheet HTML 9Page - Texas Instruments DS90C032TM/NOPB Datasheet HTML 10Page - Texas Instruments DS90C032TM/NOPB Datasheet HTML 11Page - Texas Instruments DS90C032TM/NOPB Datasheet HTML 12Page - Texas Instruments DS90C032TM/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
200
0
100
±40
±15
10
35
60
85
TA ± Ambient Temperature (°C)
VCC = 5V
VID = ±200 mV
200
100
0
4.5
4.75
5
5.25
5.5
TA = 25°C
VID = ±200 mV
VCC ± Power Supply Voltage (V)
5.5
5
4.5
±40
±15
10
35
60
85
TA ± Ambient Temperature (°C)
VCC = 5V
VID = 200 mV
6
5
4
4.5
4.75
5
5.25
5.5
VCC ± Power Supply Voltage (V)
TA = 25 °C
VID = 200 mV
DS90C032
www.ti.com
SNLS094D – JUNE 1998 – REVISED APRIL 2013
Typical Performance Characteristics
Output High Voltage vs
Output High Voltage vs
Power Supply Voltage
Ambient Temperature
Figure 7.
Figure 8.
Output Low Voltage vs
Output Low Voltage vs
Power Supply Voltage
Ambient Temperature
Figure 9.
Figure 10.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS90C032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com