Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2003CM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # DS2003CM/NOPB
Description  DS2003 High Current/Voltage Darlington Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS2003CM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  DS2003CM/NOPB Datasheet HTML 1Page - Texas Instruments DS2003CM/NOPB Datasheet HTML 2Page - Texas Instruments DS2003CM/NOPB Datasheet HTML 3Page - Texas Instruments DS2003CM/NOPB Datasheet HTML 4Page - Texas Instruments DS2003CM/NOPB Datasheet HTML 5Page - Texas Instruments DS2003CM/NOPB Datasheet HTML 6Page - Texas Instruments DS2003CM/NOPB Datasheet HTML 7Page - Texas Instruments DS2003CM/NOPB Datasheet HTML 8Page - Texas Instruments DS2003CM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
IN A
IN B
IN C
IN D
IN E
IN F
IN G
GND
OUT A
OUT B
OUT C
OUT D
OUT E
OUT F
OUT G
COMMON
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A
B
C
D
E
F
G
DS2003
www.ti.com
SNLS394J – JANUARY 2000 – REVISED APRIL 2013
DS2003 High Current/Voltage Darlington Drivers
Check for Samples: DS2003
1
FEATURES
DESCRIPTION
The DS2003 comprises seven high voltage, high
2
•
Seven High Gain Darlington Pairs
current NPN Darlington transistor pairs. All units
•
High Output Voltage (VCE = 50V)
feature a common emitter and open collector outputs.
•
High Output Current (IC = 350 mA)
To maximize their effectiveness, these units contain
suppression
diodes
for
inductive
loads
and
•
TTL, PMOS, CMOS Compatible
appropriate emitter base resistors for leakage.
•
Suppression Diodes for Inductive Loads
The DS2003 has a series base resistor to each
•
Extended Temperature Range
Darlington pair, thus allowing operation directly with
TTL or CMOS operating at supply voltages of 5.0V.
The DS2003 offers solutions to a great many
interface needs, including solenoids, relays, lamps,
small motors, and LEDs. Applications requiring sink
currents beyond the capability of a single output may
be accommodated by paralleling the outputs.
Connection Diagram
Top View
Figure 1.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS2003CM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS2003CM NSC-DS2003CM Datasheet
194Kb / 6P
High Current/Voltage Darlington Drivers
DS2003CM NSC-DS2003CM Datasheet
160Kb / 8P
High Current/Voltage Darlington Drivers
DS2003CM NSC-DS2003CM Datasheet
317Kb / 5P
HIGH CURRENT / VOLTAGE DARLINGTON DRIVERS
More results

Similar Description - DS2003CM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS2003 NSC-DS2003 Datasheet
194Kb / 6P
High Current/Voltage Darlington Drivers
logo
Allegro MicroSystems
2003 ALLEGRO-2003 Datasheet
176Kb / 10P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
National Semiconductor ...
DS2004 NSC-DS2004 Datasheet
160Kb / 8P
High Current/Voltage Darlington Drivers
logo
Fairchild Semiconductor
UA9665 FAIRCHILD-UA9665 Datasheet
261Kb / 6P
High Current/VOLTAGE Darlington Drivers
logo
Texas Instruments
UDN2841 TI-UDN2841 Datasheet
266Kb / 4P
QUADRUPLE HIGH-CURRENT DARLINGTON DRIVERS
logo
List of Unclassifed Man...
ULN2001A ETC1-ULN2001A Datasheet
749Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
National Semiconductor ...
DS2001 NSC-DS2001 Datasheet
317Kb / 5P
HIGH CURRENT / VOLTAGE DARLINGTON DRIVERS
logo
First Components Intern...
ULN2803 FCI-ULN2803 Datasheet
235Kb / 5P
High-Voltage,High-Current Darlington Arrays
logo
Leshan Radio Company
LR2001A LRC-LR2001A Datasheet
291Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Texas Instruments
DS2003 TI-DS2003 Datasheet
803Kb / 13P
The DS2003 comprises seven high voltage, high current NPN Darlington transistor pairs.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com