Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC2SD11NTZ Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC2SD11NTZ
Description  Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC2SD11NTZ Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC2SD11NTZ Datasheet HTML 2Page - Sharp Corporation PC2SD11NTZ Datasheet HTML 3Page - Sharp Corporation PC2SD11NTZ Datasheet HTML 4Page - Sharp Corporation PC2SD11NTZ Datasheet HTML 5Page - Sharp Corporation PC2SD11NTZ Datasheet HTML 6Page - Sharp Corporation PC2SD11NTZ Datasheet HTML 7Page - Sharp Corporation PC2SD11NTZ Datasheet HTML 8Page - Sharp Corporation PC2SD11NTZ Datasheet HTML 9Page - Sharp Corporation PC2SD11NTZ Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
PC2SD11NTZ Series
Ambient temperature Ta (°C)
0
10
20
30
40
50
60
70
−30
100
050
Fig.1 Forward Current vs. Ambient
Temperature
Fig.2 RMS ON-state Current vs.
Ambient Temperature
Sheet No.: D2-A07401EN
0
25
50
75
100
125
150
175
Ambient temperature Ta (°C)
−30
100
050
0
0.5
1
1.5
2
2.5
3
Forward voltage VF (V)
1
5
10
50
100
Ta=100°C
75
°C
50
°C
25
°C
0
°C
−30°C
Fig.3 Forward Current vs. Forward Voltage
Fig.4 Minimum Trigger Current vs.
Ambient Temperature
0
14
12
10
8
6
4
2
−40
−20
0
20
406080
100
Ambient temperature Ta (°C)
VD=6V
RL=100Ω
Fig.6 ON-state Voltage vs.
Ambient Temperature
1
2.2
2
1.8
1.6
1.4
1.2
−40
−20
100
80
60
40
20
0
Ambient temperature Ta (°C)
IT=100mA
Fig.5 Relative Repetitive Peak OFF-state
Voltage vs. Ambient Temperature
0.7
1.3
1.2
1.1
1
0.9
0.8
−40
−20
0
20
40
60
80
100
Ambient temperature Ta (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com