Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC3H7BCJ000F Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC3H7BCJ000F
Description  Mini-flat Half Pitch Package, General Purpose Photocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H7BCJ000F Datasheet(HTML) 5 Page - Sharp Corporation

  PC3H7BCJ000F Datasheet HTML 1Page - Sharp Corporation PC3H7BCJ000F Datasheet HTML 2Page - Sharp Corporation PC3H7BCJ000F Datasheet HTML 3Page - Sharp Corporation PC3H7BCJ000F Datasheet HTML 4Page - Sharp Corporation PC3H7BCJ000F Datasheet HTML 5Page - Sharp Corporation PC3H7BCJ000F Datasheet HTML 6Page - Sharp Corporation PC3H7BCJ000F Datasheet HTML 7Page - Sharp Corporation PC3H7BCJ000F Datasheet HTML 8Page - Sharp Corporation PC3H7BCJ000F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Sheet No.: D2-A01902EN
■ Model Line-up
IC [mA]
(IF
=1mA, VCE=5V, Ta=25˚C)
with or without
A
B
C
D
A or B
B or C
C or D
A, B or C
B, C or D
A, B, C or D
0.2 to 4.0
0.35 to 0.7
0.5 to 1.0
0.8 to 1.6
1.2 to 2.4
0.35 to 1.0
0.5 to 1.6
0.8 to 2.4
0.35 to 1.6
0.5 to 2.4
0.35 to 2.4
DIN EN60747-5-2
Model No.
Package
Rank mark
Approved
PC3H7YJ0000F
PC3H7Y1J000F
PC3H7Y2J000F
PC3H7Y3J000F
PC3H7Y4J000F
PC3H7Y5J000F
PC3H7Y6J000F
PC3H7Y7J000F
PC3H7Y8J000F
PC3H7Y9J000F
PC3H7Y0J000F
-
Taping
3 000pcs/reel
PC3H7J00000F
PC3H7AJ0000F
PC3H7BJ0000F
PC3H7CJ0000F
PC3H7DJ0000F
PC3H7ABJ000F
PC3H7BCJ000F
PC3H7CDJ000F
PC3H7ACJ000F
PC3H7BDJ000F
PC3H7ADJ000F
5
Please contact a local SHARP sales representative to inquire about production status.
PC3H7J00000F Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com